Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5112LI-00-G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5112LI-00-G
Description  32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5112LI-00-G Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5112LI-00-G Datasheet HTML 1Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 2Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 3Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 4Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 5Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 6Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 7Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 8Page - ON Semiconductor CAT5112LI-00-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5112
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2002 Rev. O
Characteristics subject to change without notice
AC CONDITIONS OF TEST
VCC Range
2.5V
≤ V
CC ≤ 6V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10 ns
Input Reference Levels
0.5VCC
AC OPERATING CHARACTERISTICS
VCC = +2.5 V to +6.0 V, VH = VCC, VL = 0 V, unless otherwise specified
Symbol
Parameter
Min
Typ
(1)
Max
Units
tCI
CS
¯¯ to INC
¯¯¯ Setup
100
ns
tDI
U/D
¯ to INC
¯¯¯ Setup
50
ns
tID
U/D
¯ to INC
¯¯¯ Hold
100
ns
tIL
INC
¯¯¯ LOW Period
250
ns
tIH
INC
¯¯¯ HIGH Period
250
ns
tIC
INC
¯¯¯ Inactive to CS
¯¯ Inactive
1
µs
tCPH
CS
¯¯ Deselect Time (NO STORE)
100
ns
tCPH
CS
¯¯ Deselect Time (STORE)
10
ms
tIW
INC
¯¯¯ to VOUT Change
1
5
µs
tCYC
INC
¯¯¯ Cycle Time
1
µs
tR, tF
(2)
INC
¯¯¯ Input Rise and Fall Time
500
µs
tPU
(2)
Power-up to Wiper Stable
1
ms
tWR
Store Cycle
5
10
ms
A.C. TIMING
Notes:
(1)
Typical values are for TA = 25ºC and nominal supply voltage.
(2)
This parameter is periodically sampled and not 100% tested.
(3)
MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
CS
INC
U/D
RWB
tCI
tIL
MI(3)
90%
90%
10%
(store)
tCYC
tIH
tIC
tCPH
tF
tR
tDI
tID
tIW


Similar Part No. - CAT5112LI-00-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112LI-00-G CATALYST-CAT5112LI-00-G Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112LI-00-G ONSEMI-CAT5112LI-00-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5112LI-00-G ONSEMI-CAT5112LI-00-G Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
More results

Similar Description - CAT5112LI-00-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
logo
ON Semiconductor
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com