Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261WI50 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5261WI50
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261WI50 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5261WI50 Datasheet HTML 1Page - ON Semiconductor CAT5261WI50 Datasheet HTML 2Page - ON Semiconductor CAT5261WI50 Datasheet HTML 3Page - ON Semiconductor CAT5261WI50 Datasheet HTML 4Page - ON Semiconductor CAT5261WI50 Datasheet HTML 5Page - ON Semiconductor CAT5261WI50 Datasheet HTML 6Page - ON Semiconductor CAT5261WI50 Datasheet HTML 7Page - ON Semiconductor CAT5261WI50 Datasheet HTML 8Page - ON Semiconductor CAT5261WI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5261
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2122 Rev. G
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = +2.5 V to +6.0 V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current
fSCL = 400 kHz, SDA = Open
VCC = 6 V, Inputs = GNDs
1
mA
Power Supply Current
fSCK = 400 kHz, SDA Open
5
mA
ICC2
Non-volatile WRITE
VCC = 6 V, Input = GND
ISB
Standby Current (VCC = 5 V)
VIN = GND or VCC, SDA = Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3 V)
IOL = 3 mA
0.4
V
VOH1
Output High Voltage
IOH = -1.6 mA
VCC – 0.8
V
PIN CAPACITANCE
(1)
TA = 25ºC, f = 1.0 MHz, VCC = 5 V, unless otherwise specified.
Symbol
Test
Conditions
Max
Units
COUT
(1)
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
(1)
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯, A0, A1)
VIN = 0 V
6
pF
A.C. CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
Input Rise Time
2
µs
tFI
(1)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tV
Output Valid from Clock Low
200
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
2
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL = 50 pF
250
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT5261WI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261WI50 ONSEMI-CAT5261WI50 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5261WI50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com