Electronic Components Datasheet Search |
|
CAT5269YI-00-T2 Datasheet(PDF) 4 Page - ON Semiconductor |
|
CAT5269YI-00-T2 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 16 page CAT5269 Doc. No. MD-2123 Rev. F 4 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice D.C. OPERATING CHARACTERISTICS VCC = +2.5 V to +6.0 V, unless otherwise specified. Symbol Parameter Test Conditions Min Max Units ICC1 Power Supply Current fSCL = 400 kHz, SDA = Open VCC = 6 V, Inputs = GND 1 mA ICC2 Power Supply Current Non-volatile WRITE fSCK = 400 kHz, SDA Open VCC = 6 V, Input = GND 5 mA ISB Standby Current (VCC = 5 V) VIN = GND or VCC, SDA = Open 5 µA ILI Input Leakage Current VIN = GND to VCC 10 µA ILO Output Leakage Current VOUT = GND to VCC 10 µA VIL Input Low Voltage -1 VCC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 1.0 V VOL1 Output Low Voltage (VCC = 3 V) IOL = 3 mA 0.4 V CAPACITANCE TA = 25ºC, f = 1.0 MHz, VCC = 5 V Symbol Test Conditions Max Units CI/O (1) Input/Output Capacitance (SDA) VI/O = 0 V 8 pF CIN (1) Input Capacitance (A0, A1, A2, A3, SCL, WP ¯¯¯) VIN = 0 V 6 pF A.C. CHARACTERISTICS 2.5V - 6.0V Symbol Parameter Min Max Units fSCL Clock Frequency 400 kHz TI (1) Noise Suppression Time Constant at SCL, SDA Inputs 200 ns tAA SLC Low to SDA Data Out and ACK Out 1 µs tBUF (1) Time the bus must be free before a new transmission can start 1.2 µs tHD:STA Start Condition Hold Time 0.6 µs tLOW Clock Low Period 1.2 µs tHIGH Clock High Period 0.6 µs tSU:STA Start Condition Setup Time (for a Repeated Start Condition) 0.6 µs tHD:DAT Data in Hold Time 0 ns tSU:DAT Data in Setup Time 50 ns tR (1) SDA and SCL Rise Time 0.3 µs tF (1) SDA and SCL Fall Time 300 ns tSU:STO Stop Condition Setup Time 0.6 µs tDH Data Out Hold Time 100 ns Note: This parameter is tested initially and after a design or process change that affects the parameter. |
Similar Part No. - CAT5269YI-00-T2 |
|
Similar Description - CAT5269YI-00-T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |