Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261YI50 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5261YI50
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261YI50 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5261YI50 Datasheet HTML 2Page - ON Semiconductor CAT5261YI50 Datasheet HTML 3Page - ON Semiconductor CAT5261YI50 Datasheet HTML 4Page - ON Semiconductor CAT5261YI50 Datasheet HTML 5Page - ON Semiconductor CAT5261YI50 Datasheet HTML 6Page - ON Semiconductor CAT5261YI50 Datasheet HTML 7Page - ON Semiconductor CAT5261YI50 Datasheet HTML 8Page - ON Semiconductor CAT5261YI50 Datasheet HTML 9Page - ON Semiconductor CAT5261YI50 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT5261
Doc. No. MD-2122 Rev. G
6
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
POWER UP TIMING
(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
WIPER TIMING
Symbol
Parameter
Min
Max
Units
tWRPO
Wiper Response Time After Power Supply Stable
5
10
µs
tWRL
Wiper Response Time After Instruction Issued
5
10
µs
WRITE CYCLE LIMITS
Symbol
Parameter
Max
Units
tWR
Write Cycle Time
5
ms
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND
(3)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(3)
Latch-Up
JEDEC Standard 17
100
mA
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
Figure 1. Synchronous Data Timing
Note: Dashed Line = mode (1, 1)
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI


Similar Part No. - CAT5261YI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261YI50 ONSEMI-CAT5261YI50 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5261YI50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com