Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261YI00 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5261YI00
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261YI00 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5261YI00 Datasheet HTML 1Page - ON Semiconductor CAT5261YI00 Datasheet HTML 2Page - ON Semiconductor CAT5261YI00 Datasheet HTML 3Page - ON Semiconductor CAT5261YI00 Datasheet HTML 4Page - ON Semiconductor CAT5261YI00 Datasheet HTML 5Page - ON Semiconductor CAT5261YI00 Datasheet HTML 6Page - ON Semiconductor CAT5261YI00 Datasheet HTML 7Page - ON Semiconductor CAT5261YI00 Datasheet HTML 8Page - ON Semiconductor CAT5261YI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT5261
Doc. No. MD-2122 Rev. G
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
-55 to +125
ºC
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(1) (2)
-2.0 to +VCC + 2.0
V
VCC with Respect to Ground
-0.2 to +7.0
V
Package Power Dissipation Capability (TA = 25ºC)
1.0
W
Lead Soldering Temperature (10 s)
300
ºC
Wiper Current
±6
mA
RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VCC
+2.5 to +6.0
V
Industrial Temperature
-40 to +85
°C
POTENTIOMETER CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
RPOT
Potentiometer Resistance (-00)
100
kΩ
RPOT
Potentiometer Resistance (-50)
50
kΩ
Potentiometer Resistance
Tolerance
±20
%
RPOT Matching
1
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
±3
mA
RW
Wiper Resistance
IW = ±3 mA @ VCC = 3 V
200
300
RW
Wiper Resistance
IW = ±3 mA @ VCC = 5 V
100
150
VTERM
Voltage on any RH or RL Pin
0
VCC
V
VN
Noise
(4)
nV
Hz
Resolution
0.4
%
Absolute Linearity
(5)
Rw(n)(actual)-R(n)(expected)
(8)
±1
LSB
(7)
Relative Linearity
(6)
Rw(n+1)-[Rw(n)+LSB]
(8)
±0.2
LSB
(7)
TCRPOT
Temperature Coefficient of RPOT
(4)
±300
ppm/ºC
TCRATIO
Ratiometric Temp. Coefficient
(4)
20
ppm/ºC
CH/CL/CW Potentiometer Capacitances
(4)
10/10/25
pF
fc
Frequency Response
RPOT = 50 kΩ
(4)
0.4
MHz
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
(3) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1 V to VCC +1 V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
(5) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
(6) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentio-
meter. It is a measure of the error in step size.
(7) LSB = RTOT / 255 or (RH - RL) / 255, single pot
(8) n = 0, 1, 2, ..., 255


Similar Part No. - CAT5261YI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261YI00 ONSEMI-CAT5261YI00 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5261YI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com