Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5401YI-10-T2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5401YI-10-T2
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401YI-10-T2 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5401YI-10-T2 Datasheet HTML 1Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 2Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 3Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 4Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 5Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 6Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 7Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 8Page - ON Semiconductor CAT5401YI-10-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT5401
Doc. No. MD-2012 Rev. J
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
Absolute Maximum Ratings
(1)
Parameters
Ratings
Units
Temperature Under Bias
-55 to +125
ºC
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to VSS
(1) (2)
-2.0 to +VCC + 2.0
V
VCC with Respect to Ground
-0.2 to +7.0
V
Package Power Dissipation Capability (TA = 25ºC)
1.0
W
Lead Soldering Temperature (10 s)
300
ºC
Wiper Current
±12
mA
Recommended Operating Conditions
Parameters
Ratings
Units
VCC
+2.5 to +6
V
Industrial Temperature
-40 to +85
°C
Potentiometer Characteristics
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00)
100
kΩ
RPOT
Potentiometer Resistance (-50)
50
kΩ
RPOT
Potentiometer Resistance (-10)
10
kΩ
RPOT
Potentiometer Resistance (-2.5)
2.5
kΩ
Potentiometer Resistance
Tolerance
±20
%
RPOT Matching
1
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
+3
mA
RW
Wiper Resistance
IW = ±3 mA @ VCC = 3 V
200
300
RW
Wiper Resistance
IW = ±3 mA @ VCC = 5 V
100
150
VTERM
Voltage on any RH or RL Pin
VSS = 0 V
GND
VCC
V
VN
Noise
(4)
nV
Hz
Resolution
0.4
%
Absolute Linearity
(5)
RW(n)(actual) - R(n)(expected)
(8)
+1
LSB
(7)
Relative Linearity
(6)
RW(n+1) - [RW(n) + LSB]
(8)
+0.2
LSB
(7)
TCRPOT
Temperature Coefficient of RPOT
(4)
+300
ppm/ºC
TCRATIO
Ratiometric Temp. Coefficient
(4)
20
ppm/ºC
CH/CL/CW Potentiometer Capacitances
(4)
10/10/25
pF
fc
Frequency Response
RPOT = 50 kΩ
(4)
0.4
MHz
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum
DC voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
(3) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1 V to VCC +1 V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
(5) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer.
(6) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentio-
meter. It is a measure of the error in step size.
(7) LSB = RTOT / 63 or (RH - RL) / 63, single pot
(8) n = 0, 1, 2, ..., 63


Similar Part No. - CAT5401YI-10-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401YI-10-T2 ONSEMI-CAT5401YI-10-T2 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5401YI-10-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com