Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5401WI00 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5401WI00
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401WI00 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5401WI00 Datasheet HTML 1Page - ON Semiconductor CAT5401WI00 Datasheet HTML 2Page - ON Semiconductor CAT5401WI00 Datasheet HTML 3Page - ON Semiconductor CAT5401WI00 Datasheet HTML 4Page - ON Semiconductor CAT5401WI00 Datasheet HTML 5Page - ON Semiconductor CAT5401WI00 Datasheet HTML 6Page - ON Semiconductor CAT5401WI00 Datasheet HTML 7Page - ON Semiconductor CAT5401WI00 Datasheet HTML 8Page - ON Semiconductor CAT5401WI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5401
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2012 Rev. J
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Power Supply Current
fSCL = 2 MHz, SO = Open
Inputs = GND
1
mA
ISB
Standby Current (VCC = 5 V)
VIN = GND or VCC, SO = Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3 V)
IOL = 3 mA
0.4
V
PIN Capacitance
(1)
Available over recommended operating range from TA = 25ºC, f = 1.0 MHz, VCC = 5 V (unless otherwise noted).
Symbol
Test
Conditions
Max.
Units
COUT
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯)
VIN = 0V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI(
1)
Input Rise Time
2
µs
tFI
(1)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tWC
Write Cycle Time
10
ms
tV
Output Valid from Clock Low
250
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
250
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL = 50 pF
250
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT5401WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401WI00 ONSEMI-CAT5401WI00 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5401WI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com