Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13NK60ZT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB13NK60ZT4
Description  N-channel 600 V, 0.48 廓, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NK60ZT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB13NK60ZT4 Datasheet HTML 1Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 2Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 3Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 4Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 5Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 6Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 7Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 8Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical ratings
STB13NK60ZT4, STx13NK60Z, STP13NK60ZFP
4/18
Doc ID 8527 Rev 7
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj=25 °C, ID=IAR, VDD= 50 V)
400
mJ


Similar Part No. - STB13NK60ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
369Kb / 17P
   N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
495Kb / 18P
   N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
logo
VBsemi Electronics Co.,...
STB13NK60ZT4 VBSEMI-STB13NK60ZT4 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STB13NK60ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
   N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
   N-channel 600 V, 038 廓, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
   N-channel 500 V, 0.48 廓 , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com