Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25080YI-T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT25080YI-T3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25080YI-T3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT25080YI-T3 Datasheet HTML 1Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 2Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 3Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 4Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 5Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 6Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 7Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 8Page - ON Semiconductor CAT25080YI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT25080, CAT25160
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to VCC + 0.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = +1.8 V to +5.5 V, TA = −40°C to +125°C unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Supply Current
Read, Write, VCC = 5.0 V,
SO open
10 MHz / −40°C to 85°C
2
mA
5 MHz / −40°C to 125°C
2
mA
ISB1
Standby Current
VIN = GND or VCC, CS = VCC,
WP = VCC, VCC = 5.0 V
2
mA
ISB2
Standby Current
VIN = GND or VCC, CS = VCC,
WP = GND, VCC = 5.0 V
TA = −40°C to +85°C
4
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC,
VOUT = GND or VCC
TA = −40°C to +85°C
−1
1
mA
TA = −40°C to +125°C
−1
2
mA
VIL
Input Low Voltage
−0.5
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC > 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC > 2.5 V, IOH = −1.6 mA
VCC − 0.8 V
V
VOL2
Output Low Voltage
VCC > 1.8 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC > 1.8 V, IOH = −100 mA
VCC − 0.2 V
V
Table 4. PIN CAPACITANCE (Note 2) (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
VIN = 0 V
8
pF


Similar Part No. - CAT25080YI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25080YI-GT3 CATALYST-CAT25080YI-GT3 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080YI-GT3 ONSEMI-CAT25080YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080YI-GT3 ONSEMI-CAT25080YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080YI-GT3 ONSEMI-CAT25080YI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
More results

Similar Description - CAT25080YI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com