Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25080LE-T3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT25080LE-T3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25080LE-T3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT25080LE-T3 Datasheet HTML 5Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 6Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 7Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 8Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 9Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 10Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 11Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 12Page - ON Semiconductor CAT25080LE-T3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT25080, CAT25160
http://onsemi.com
9
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 16−bit address (see Table 11 for the number
of significant address bits).
After receiving the last address bit, the CAT25080/160
will respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25080/160 will shift out the contents of the status
register on the SO pin (Figure 10). The status register may
be read at any time, including during an internal write cycle.
While the internal write cycle is in progress, the RDSR
command will output the RDY (Ready) bit status only (i.e.,
data out = FFh).
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS*
01
23
45
67
89
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
21
20
22 23 24 25 26 27 28 29 30
00
00
0
1
1
Dashed Line = mode (1, 1)
A0
AN
CS
* Please check the Byte Address Table (Table 11)
0
10
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
00
1
0
1
Dashed Line = mode (1, 1)
CS


Similar Part No. - CAT25080LE-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25080LE-G ONSEMI-CAT25080LE-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080LE-G ONSEMI-CAT25080LE-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
More results

Similar Description - CAT25080LE-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com