Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25256ZD2I-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT25256ZD2I-GT3
Description  256-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25256ZD2I-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT25256ZD2I-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25256ZD2I-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 3
1
Publication Order Number:
CAT25256/D
CAT25256
256-Kb SPI Serial CMOS
EEPROM
Description
The CAT25256 is a 256−Kb Serial CMOS EEPROM device
internally organized as 32Kx8 bits. This features a 64−byte page write
buffer and supports the Serial Peripheral Interface (SPI) protocol. The
device is enabled through a Chip Select (CS) input. In addition, the
required bus signals are clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD input may be used to pause any serial
communication with the CAT25256 device. The device features
software and hardware write protection, including partial as well as
full array protection.
Features
10 MHz SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
64−byte Page Write Buffer
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−lead PDIP, SOIC, TSSOP and 8−pad TDFN Packages
8−ball Chip Scale Package (CSP)
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAT25256
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATIONS
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
TDFN−8
ZD2 SUFFIX
CASE 511AK
SCK
PDIP (L), SOIC (V),
TSSOP (Y), TDFN (ZD2)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
1
VSS
WP
SO
CS
SI
HOLD
VCC
SCK
CSP−8B (X)
(Top Views)


Similar Part No. - CAT25256ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256ZD2I.GT2 ONSEMI-CAT25256ZD2I.GT2 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256ZD2IGT2 ONSEMI-CAT25256ZD2IGT2 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results

Similar Description - CAT25256ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
NV25256WF ONSEMI-NV25256WF Datasheet
104Kb / 12P
   256-Kb SPI Serial Automotive EEPROM
January, 2018 ??Rev. 1
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com