Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT140081RWI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT140081RWI-GT3
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT140081RWI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT140081RWI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT140081RWI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT140xx
Doc. No. MD-1117 Rev. B
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Test Condition
Units
ICC
Supply Current
1
Read or Write at 400kHz
mA
10
22
VCC < 5.5V; All I/O Pins at VSS or VCC
ISB
Standby Current
8
17
VCC < 3.6V; All I/O Pins at VSS or VCC
μA
IL
I/O Pin Leakage
2
Pin at GND or VCC
μA
VIL
Input Low Voltage
-0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output Low Voltage
SDA
0.4
VCC 2.5 V, IOL = 3.0 mA
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5 V, 25°C
SDA
EEPROM
SCL
A0
A1
A2
VCC
VOLTAGE
DETECTOR
RST or RST
VSS


Similar Part No. - CAT140081RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT140081RWI-GT3 CATALYST-CAT140081RWI-GT3 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
More results

Similar Description - CAT140081RWI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com