Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1230 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CM1230
Description  2, 4, and 8-Channel Low-Capacitance ESD Protection Array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1230 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CM1230 Datasheet HTML 6Page - ON Semiconductor CM1230 Datasheet HTML 7Page - ON Semiconductor CM1230 Datasheet HTML 8Page - ON Semiconductor CM1230 Datasheet HTML 9Page - ON Semiconductor CM1230 Datasheet HTML 10Page - ON Semiconductor CM1230 Datasheet HTML 11Page - ON Semiconductor CM1230 Datasheet HTML 12Page - ON Semiconductor CM1230 Datasheet HTML 13Page - ON Semiconductor CM1230 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CM1230
Rev.3 | Page 10 of 16 | www.onsemi.com
CSP Tape and Reel Specifications
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1230-02CP*
0.96 x 0.96 x 0.644
1.14 x 1.00 x 0.70
8mm
178mm (7")
3500
4mm
4mm
Figure 3. Tape and Reel Mechanical Data*
* CM1230-02CP and CM1230-J2CP are the same mechanical package. The only difference is the Pin 1
orientation (red dot) on the tape and reel.


Similar Part No. - CM1230

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
Chicago Miniature Lamp,...
CM1230 CML-CM1230 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1230 VCC-CM1230 Datasheet
32Kb / 1P
   Contact Bayonet Base
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
California Micro Device...
CM1230-02 CALMIRCO-CM1230-02 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
More results

Similar Description - CM1230

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
   2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com