Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1234 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM1234
Description  PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1234 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CM1234 Datasheet HTML 4Page - ON Semiconductor CM1234 Datasheet HTML 5Page - ON Semiconductor CM1234 Datasheet HTML 6Page - ON Semiconductor CM1234 Datasheet HTML 7Page - ON Semiconductor CM1234 Datasheet HTML 8Page - ON Semiconductor CM1234 Datasheet HTML 9Page - ON Semiconductor CM1234 Datasheet HTML 10Page - ON Semiconductor CM1234 Datasheet HTML 11Page - ON Semiconductor CM1234 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CM1234
Rev. 3 | Page 8 of 13 | www.onsemi.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆Zo
Channel-to-Channel Impedance Match
(Differential)
T
R = 200ps
2
%
Z
CHANNEL
Individual Channel Characteristic Imped-
ance in Single-ended Connection
T
R = 200ps
50
Z
CHANNEL
Channel-to-Channel Impedance Match
(Individual)
T
R = 200ps;
2
%
Note 1: All parameters specified at T
A = –40°C to +85°C unless otherwise noted.
Performance Information
Graphical Comparison and Test Setup
Figure 4 shows that the CM1234(PicoGuard XS ESD protector) lowers the peak voltage and clamping voltage by
45% across a wide range of loading conditions in comparison to a standard ESD protection device. Figure 5 also
indicates that the DUP/ASIC protected by the CM1235 dissipates less energy than a standard ESD protection
device. This data was derived using the test setups shown in Figure 6.
Figure 4. Normalized VPeak (8KV IEC-61000 4-2 ESD Contact Strike) vs. Loading (RDUP)*


Similar Part No. - CM1234

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1234 ONSEMI-CM1234 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
California Micro Device...
CM1234-08DE CALMIRCO-CM1234-08DE Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
More results

Similar Description - CM1234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
   Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
California Micro Device...
CM1231 CALMIRCO-CM1231 Datasheet
253Kb / 11P
   Two-Channel PicoGuard XPTM ESD Clamp Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com