Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1236-08DE Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM1236-08DE
Description  PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1236-08DE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CM1236-08DE Datasheet HTML 4Page - ON Semiconductor CM1236-08DE Datasheet HTML 5Page - ON Semiconductor CM1236-08DE Datasheet HTML 6Page - ON Semiconductor CM1236-08DE Datasheet HTML 7Page - ON Semiconductor CM1236-08DE Datasheet HTML 8Page - ON Semiconductor CM1236-08DE Datasheet HTML 9Page - ON Semiconductor CM1236-08DE Datasheet HTML 10Page - ON Semiconductor CM1236-08DE Datasheet HTML 11Page - ON Semiconductor CM1236-08DE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CM1236
Rev. 3 | Page 8 of 14 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V
IN
I/O Voltage Relative to GND
-0.5
5.5
V
I
IN
Continuous Current through signal pins
(IN to OUT) 1000 Hr
100
mA
I
F
Channel Leakage Current
T
A = 25°C; VN = 0V, VTEST = 5V
±
0.1
±
1.0
µA
V
ESD
ESD Protection - Peak Discharge Voltage
at any channel input, in system:
Contact discharge per IEC 61000-4-2
Standard
T
A = 25°C
±
8
kV
I
RES
Residual ESD Peak Current on RDUP
(Resistance of Device Under Protection)
IEC 61000-4-2 8kV;
RDUP = 5Ω T
A = 25°C
3.0
A
V
CL
Channel Clamp Voltage
(Channel clamp voltage per
IEC 61000-4-5 Standard)
Positive Transients
Negative Transients
I
PP = 1A, TA = 25°C,
t
P = 8/20µS;
+9.2
-1.6
V
V
R
DYN
Dynamic Resistance
Positive Transients
Negative Transients
I
PP = 1A, TA = 25ºC;
t
P = 8/20µS
0.6
0.5
Z
TDR
Differential Impedance
TDR excursion from 100Ω
characteristic impedance trans-
mission line;
TR = 200ps; Note 2 and Note 3
97
107
Zo
Differential Channels pair characteristic
impedance
T
R = 200ps;
Note 2 and Note 3
100
∆Zo
Channel-to-Channel Impedance Match (Dif-
ferential)
T
R = 200ps; TA = 25ºC
;
Note 2 and Note 3
2
%
Note 1: All parameters specified at T
A = –40°C to +85°C unless otherwise noted.
Note 2: Impedance values for deviation from continuous 100Ω uncompensated differential microstrip, with typical layout as
measured via TDR with 200ps effective incident risetime. See Figure 7.


Similar Part No. - CM1236-08DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
More results

Similar Description - CM1236-08DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
   Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
California Micro Device...
CM1231 CALMIRCO-CM1231 Datasheet
253Kb / 11P
   Two-Channel PicoGuard XPTM ESD Clamp Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com