Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1241 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1241
Description  4-Channel Low Capacitance Dual-Voltage ESD Protection Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1241 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1241 Datasheet HTML 4Page - ON Semiconductor CM1241 Datasheet HTML 5Page - ON Semiconductor CM1241 Datasheet HTML 6Page - ON Semiconductor CM1241 Datasheet HTML 7Page - ON Semiconductor CM1241 Datasheet HTML 8Page - ON Semiconductor CM1241 Datasheet HTML 9Page - ON Semiconductor CM1241 Datasheet HTML 10Page - ON Semiconductor CM1241 Datasheet HTML 11Page - ON Semiconductor CM1241 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CM1241
Rev. 3 | Page 9 of 14 | www.onsemi.com
Mechanical Details
TDFN-08 Mechanical Specifications, 0.4mm
Dimensions for the CM1241 supplied in a 8-lead, 0.4mm pitch TDFN package are presented below.
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
*
Leads
8
Millimeters
Inches
Dim.
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.200 REF
0.008 REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.60
1.70
1.80
0.063
0.067
0.071
D2
1.10
1.20
1.30
0.043
0.047
0.051
E
1.25
1.35
1.45
0.049
0.053
0.057
E2
0.30
0.40
0.50
0.012
0.016
0.020
e
0.40 BSC
0.016 BSC
K
0.22 REF
0.009 REF
L
0.15
0.25
0.35
0.006
0.010
0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
*
This package is compliant with JEDEC standard MO-229C with
the exception of the D, D2, E, E2, K and L dimensions as called
out in the table above.
Dimensions for 8-Lead, 0.4mm Pitch TDFN
Package


Similar Part No. - CM1241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1241-04D4 ONSEMI-CM1241-04D4 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
More results

Similar Description - CM1241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1641 ONSEMI-CM1641_11 Datasheet
228Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. 5
CM1641 ONSEMI-CM1641 Datasheet
322Kb / 10P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
May 2010 ??Rev. 4
CM1643 ONSEMI-CM1643 Datasheet
231Kb / 6P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. P3
CM1241 ONSEMI-CM1241_11 Datasheet
274Kb / 7P
   4-Channel Low Capacitance Dual-Voltage ESD Protection Array
February, 2011 ??Rev. 4
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com