Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1293-08MR Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM1293-08MR
Description  8-Channel Low Capacitance ESD Protection Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1293-08MR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CM1293-08MR Datasheet HTML 2Page - ON Semiconductor CM1293-08MR Datasheet HTML 3Page - ON Semiconductor CM1293-08MR Datasheet HTML 4Page - ON Semiconductor CM1293-08MR Datasheet HTML 5Page - ON Semiconductor CM1293-08MR Datasheet HTML 6Page - ON Semiconductor CM1293-08MR Datasheet HTML 7Page - ON Semiconductor CM1293-08MR Datasheet HTML 8Page - ON Semiconductor CM1293-08MR Datasheet HTML 9Page - ON Semiconductor CM1293-08MR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CM1293
Rev. 3 | Page 8 of 10 | www.onsemi.com
Mechanical Details
MSOP-10 Mechanical Specifications, 10 pin
The 10-pin MSOP package dimensions are presented below.
PACKAGE DIMENSIONS
Package
MSOP
Pins
10
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
0.75
0.95
0.028
0.038
A1
0.05
0.15
0.002
0.006
B
0.17
0.27
0.007
0.013
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.50 BSC
0.0196 BSC
H
4.90 BSC
0.193 BSC
L
0.40
0.70
0.0137
0.029
# per tape
and reel
4000
Controlling dimension: millimeters
Package Dimensions for MSOP-10


Similar Part No. - CM1293-08MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293-08MR CALMIRCO-CM1293-08MR Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
More results

Similar Description - CM1293-08MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com