Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1293A Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1293A
Description  2-and 4-Channel Low Capacitance ESD Protection Arrays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1293A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1293A Datasheet HTML 5Page - ON Semiconductor CM1293A Datasheet HTML 6Page - ON Semiconductor CM1293A Datasheet HTML 7Page - ON Semiconductor CM1293A Datasheet HTML 8Page - ON Semiconductor CM1293A Datasheet HTML 9Page - ON Semiconductor CM1293A Datasheet HTML 10Page - ON Semiconductor CM1293A Datasheet HTML 11Page - ON Semiconductor CM1293A Datasheet HTML 12Page - ON Semiconductor CM1293A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CM1293A
Rev. 4 | Page 9 of 16 | www.onsemi.com
Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1293A-02SR
2.92 X 2.37 X 1.01
2.60 X 3.15 X 1.20
8mm
178mm (7")
3000
4mm
4mm


Similar Part No. - CM1293A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-02SO ONSEMI-CM1293A-02SO Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-02SR ONSEMI-CM1293A-02SR Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-04MR ONSEMI-CM1293A-04MR Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293A-04SO ONSEMI-CM1293A-04SO Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
More results

Similar Description - CM1293A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com