Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0465BL15B100S Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 0465BL15B100S
Description  465 MHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0465BL15B100S Datasheet(HTML) 2 Page - Johanson Technology Inc.

  0465BL15B100S Datasheet HTML 1Page - Johanson Technology Inc. 0465BL15B100S Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
465 MHz Balun
P/N 0465BL15B100
Detail Specification: 08/11/06
Page 2 of 2
Typical Electrical Performance (T=25°C)
Insertion Loss & Return Loss
Amp. & Phase Differential
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0.1
1.0
-30
-20
-10
-40
0
freq, GHz
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0.1
1.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-2.0
2.0
165
170
175
180
185
190
195
160
200
freq, GHz


Similar Part No. - 0465BL15B100S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0465001. LITTELFUSE-0465001. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
0465001.DR LITTELFUSE-0465001.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465002. LITTELFUSE-0465002. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
0465002.DR LITTELFUSE-0465002.DR Datasheet
188Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
0465004. LITTELFUSE-0465004. Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results

Similar Description - 0465BL15B100S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856288 TRIQUINT-856288 Datasheet
558Kb / 5P
   465 MHz SAW Filter
855991 TRIQUINT-855991 Datasheet
578Kb / 5P
   465 MHz SAW Filter
856288 TRIQUINT-856288_15 Datasheet
477Kb / 5P
   465 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1257A TAI-SAW-TA1257A Datasheet
438Kb / 8P
   SAW Filter 465 MHz
TB0206A TAI-SAW-TB0206A Datasheet
659Kb / 5P
   IF SAW Filter 465 MHz
logo
Johanson Technology Inc...
0866BL15C200 JOHANSON-0866BL15C200 Datasheet
139Kb / 1P
   850 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
   900 MHz Balun
5400BL15B200 JOHANSON-5400BL15B200 Datasheet
140Kb / 2P
   5400 MHz Balun
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
   900 MHz Balun
1550BL15A0075 JOHANSON-1550BL15A0075 Datasheet
310Kb / 2P
   1550 MHz Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com