Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-6505A Datasheet(PDF) 3 Page - QT Optoelectronics

Part # HLMP-6505A
Description  SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HLMP-6505A Datasheet(HTML) 3 Page - QT Optoelectronics

  HLMP-6505A Datasheet HTML 1Page - QT Optoelectronics HLMP-6505A Datasheet HTML 2Page - QT Optoelectronics HLMP-6505A Datasheet HTML 3Page - QT Optoelectronics HLMP-6505A Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES (TA = 25° C)
GREEN
YELLOW
H-E RED
AIGaAs RED
WAVELENGTH ( ) — nm
520 540 560 580 600 620 640 660 680
120%
100%
80%
60%
40%
20%
0%
700
YELLOW
GREEN
H-E RED
INSTANTANEOUS FORWARD CURRENT I
F (mA)
60
80
40
30
20
10
0
40
20
0
V
F — FORWARD VOLTAGE — V
300.0
200.0
100.0
50.0
20.0
10.0
5.0
2.0
1.0
.5
.2
.1
3.5
2.5
1.5
3.0
1.0
.5
0
2.0
GREEN
H-E RED
YELLOW
AIGaAs
RED
FORWARD VOLTAGE V
F (VOLTS)
100
50
60
80
70
40
30
20
10
0
1
2
3
4
90
FIG. 1 - Forward Current vs. Forward Voltage
FIG. 2 - Luminous Intensity vs. Forward Current
FIG. 3 - Forward Current vs. Forward Voltage—AIGaAs
FIG. 4 - Spectral Distribution


Similar Part No. - HLMP-6505A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6505A EVERLIGHT-HLMP-6505A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
More results

Similar Description - HLMP-6505A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP6305AZR FAIRCHILD-HLMP6305AZR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD5152 CML-CMD5152 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com