Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1430 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1430
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1430 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1430 Datasheet HTML 3Page - ON Semiconductor CM1430 Datasheet HTML 4Page - ON Semiconductor CM1430 Datasheet HTML 5Page - ON Semiconductor CM1430 Datasheet HTML 6Page - ON Semiconductor CM1430 Datasheet HTML 7Page - ON Semiconductor CM1430 Datasheet HTML 8Page - ON Semiconductor CM1430 Datasheet HTML 9Page - ON Semiconductor CM1430 Datasheet HTML 10Page - ON Semiconductor CM1430 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CM1430
Rev. 2 | Page 9 of 11 | www.onsemi.com
Mechanical Details (cont’d)
CM1430-06DF/DE Mechanical Specifications
Dimensions for the CM1430-06DF/DE suplied in a 12-lead, 0.4mm pitch TDFN package are presented below.
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
Leads
12
Millimeters
Inches
Dim.
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.20 REF
0.008 REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.40
2.50
2.60
0.094
0.098
0.102
D2
1.90
2.00
2.10
0.075
0.079
0.083
E
1.25
1.35
1.45
0.049
0.053
0.057
E2
0.30
0.40
0.50
0.012
0.016
0.020
e
0.40 BSC
0.016 BSC
K
0.20
0.008
L
0.15
0.25
0.35
0.006
0.010
0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
This package is compliant with JEDEC standard MO-229C with the
exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as
called out in the table above.
Dimensions for 12-Lead, 0.4mm pitch
TDFN package


Similar Part No. - CM1430

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-04DE CALMIRCO-CM1430-04DE Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-04DF CALMIRCO-CM1430-04DF Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-06DE CALMIRCO-CM1430-06DE Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-06DF CALMIRCO-CM1430-06DF Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results

Similar Description - CM1430

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com