Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1430 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CM1430
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1430 Datasheet(HTML) 4 Page - ON Semiconductor

  CM1430 Datasheet HTML 1Page - ON Semiconductor CM1430 Datasheet HTML 2Page - ON Semiconductor CM1430 Datasheet HTML 3Page - ON Semiconductor CM1430 Datasheet HTML 4Page - ON Semiconductor CM1430 Datasheet HTML 5Page - ON Semiconductor CM1430 Datasheet HTML 6Page - ON Semiconductor CM1430 Datasheet HTML 7Page - ON Semiconductor CM1430 Datasheet HTML 8Page - ON Semiconductor CM1430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM1430
Rev. 2 | Page 4 of 11 | www.onsemi.com
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
Ω
C
TOTAL
Total Channel Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
14
17
22
pF
C
Capacitance C1
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
7
8.5
11
pF
V
DIODE
Standoff Voltage
I
DIODE=10μA
6.0
V
I
LEAK
Diode Leakage Current (reverse bias)
V
DIODE=+3.3V
0.1
1.0
μA
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method
3015
b) Contact Discharge per IEC 61000-4-2 Level 4
Note 2
30
15
kV
kV
R
DYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
f
C
Cut-off Frequency
Z
SOURCE=50Ω, ZLOAD=50Ω
Channel R = 100
Ω,
Channel C = 8.5pF
200
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.


Similar Part No. - CM1430

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-04DE CALMIRCO-CM1430-04DE Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-04DF CALMIRCO-CM1430-04DF Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-06DE CALMIRCO-CM1430-06DE Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1430-06DF CALMIRCO-CM1430-06DF Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results

Similar Description - CM1430

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com