Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1425-03CP Datasheet(PDF) 8 Page - ON Semiconductor

Part # CM1425-03CP
Description  4-Channel EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1425-03CP Datasheet(HTML) 8 Page - ON Semiconductor

  CM1425-03CP Datasheet HTML 1Page - ON Semiconductor CM1425-03CP Datasheet HTML 2Page - ON Semiconductor CM1425-03CP Datasheet HTML 3Page - ON Semiconductor CM1425-03CP Datasheet HTML 4Page - ON Semiconductor CM1425-03CP Datasheet HTML 5Page - ON Semiconductor CM1425-03CP Datasheet HTML 6Page - ON Semiconductor CM1425-03CP Datasheet HTML 7Page - ON Semiconductor CM1425-03CP Datasheet HTML 8Page - ON Semiconductor CM1425-03CP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CM1425
Rev. 2 | Page 8 of 9 | www.onsemi.com
Mechanical Details (cont’d)
CSP Tape and Reel Specifications
PART NUMBER
PKG. SIZE (mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIA.
QTY
PER
REEL
P
0
P
1
CM1425-01
2.470 X 0.970 X 0.606
2.62 X 1.12 X 0.762
8mm
178mm (7")
3500
4mm
4mm
CM1425-03
2.470 X 0.970 X 0.644
2.62 X 1.12 X 0.762
8mm
178mm (7")
3500
4mm
4mm
Figure 6. Tape and Reel Mechanical Data


Similar Part No. - CM1425-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1425-03CP CALMIRCO-CM1425-03CP Datasheet
198Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
More results

Similar Description - CM1425-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1425 CALMIRCO-CM1425 Datasheet
198Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
   4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com