Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1451 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1451
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1451 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1451 Datasheet HTML 5Page - ON Semiconductor CM1451 Datasheet HTML 6Page - ON Semiconductor CM1451 Datasheet HTML 7Page - ON Semiconductor CM1451 Datasheet HTML 8Page - ON Semiconductor CM1451 Datasheet HTML 9Page - ON Semiconductor CM1451 Datasheet HTML 10Page - ON Semiconductor CM1451 Datasheet HTML 11Page - ON Semiconductor CM1451 Datasheet HTML 12Page - ON Semiconductor CM1451 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CM1451
Rev. 2 | Page 9 of 15 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
μm
Solder Ball Side Coplanarity
+20
μm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 5. Recommended Non-Solder Mask Defined Pad Illustration
Figure 6. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CM1451

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
483Kb / 10P
   LCD and Camera EMI Filter Array with ESD Protection
April, 2013 ??Rev. 3
logo
California Micro Device...
CM1451-06 CALMIRCO-CM1451-06 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1451-06CP CALMIRCO-CM1451-06CP Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451-06CP ONSEMI-CM1451-06CP Datasheet
483Kb / 10P
   LCD and Camera EMI Filter Array with ESD Protection
April, 2013 ??Rev. 3
More results

Similar Description - CM1451

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com