Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1453-08CP Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1453-08CP
Description  Praetorian 8-Channel EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1453-08CP Datasheet(HTML) 1 Page - ON Semiconductor

  CM1453-08CP Datasheet HTML 1Page - ON Semiconductor CM1453-08CP Datasheet HTML 2Page - ON Semiconductor CM1453-08CP Datasheet HTML 3Page - ON Semiconductor CM1453-08CP Datasheet HTML 4Page - ON Semiconductor CM1453-08CP Datasheet HTML 5Page - ON Semiconductor CM1453-08CP Datasheet HTML 6Page - ON Semiconductor CM1453-08CP Datasheet HTML 7Page - ON Semiconductor CM1453-08CP Datasheet HTML 8Page - ON Semiconductor CM1453-08CP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Praetorian® 8-Channel EMI Filter
Array with ESD Protection
CM1453-08CP
©2010 SCILLC. All rights reserved.
Publication Order Number:
April 2010 Rev. 2
CM1453-08CP/D
Features
Eight channels of EMI filtering
±15kV ESD protection
(IEC 61000-4-2, contact discharge)
±30kV ESD protection (HBM)
Greater than -40dB of attenuation at 1GHz
Chip Scale Package (CSP) with 0.40mm pitch
and 0.25mm CSP solder ball which features
extremely low parasitic inductance for optimum
filter and ESD performance
OptiGuard
™ Coating for improved reliability at
assembly
RoHS compliant
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs
or notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1453-08CP is a pi-style EMI filter array with
ESD protection, which integrates eight filters (C-L-C)
in CSP form factor with 0.40mm pitch.
Each EMI
filter channel of the CM1453-08CP is implemented as
a 3-pole L-C filter where the component values are
9.5pF-20nH-9.5pF. The roll-off frequency at -6dB
attenuation
is
380MHz
and
can
be
used
in
applications where the data rates are as high as
160Mbps while providing greater than -35dB over the
800MHz to 2.7GHz frequency range.
The parts
include ESD diodes on every I/O pin and provide a
high level of protection against electrostatic discharge
(ESD). The ESD protection diodes connected to the
filter ports are designed and characterized to safely
dissipate
ESD
strikes
of
±15kV, beyond the
maximum
requirement
of
the
IEC61000-4-2
international
standard.
Using
the
MIL-STD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the pins are protected for contact
discharges at greater than
±30kV.
This device is particularly well suited for wireless
handsets, mobile LCD modules and PDAs because
of its small package format and easy-to-use pin
assignments.
In particular, the CM1453-08CP is
ideal for EMI filtering and protecting data and control
lines for the LCD display and camera interface in
mobile handsets.
The CM1453-08CP incorporates OptiGuard
which
results in improved reliability at assembly. It is
manufactured with a 0.40mm pitch and 0.25mm CSP
solder ball to provide up to 28% board space savings
vs. competing CSP devices with 0.50mm pitch and
0.30mm CSP solder ball.


Similar Part No. - CM1453-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1453-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1457 ONSEMI-CM1457 Datasheet
359Kb / 9P
   Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection
May 2010 ??Rev. 4
CM1443-08CP ONSEMI-CM1443-08CP_11 Datasheet
478Kb / 10P
   8-Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 3
CM1457 ONSEMI-CM1457_13 Datasheet
191Kb / 7P
   8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
CM1443-08CP ONSEMI-CM1443-08CP Datasheet
551Kb / 13P
   8-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com