Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1457-08CP Datasheet(PDF) 4 Page - ON Semiconductor

Part # CM1457-08CP
Description  Praetorian III짰 4, 6, 8-Channel EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1457-08CP Datasheet(HTML) 4 Page - ON Semiconductor

  CM1457-08CP Datasheet HTML 1Page - ON Semiconductor CM1457-08CP Datasheet HTML 2Page - ON Semiconductor CM1457-08CP Datasheet HTML 3Page - ON Semiconductor CM1457-08CP Datasheet HTML 4Page - ON Semiconductor CM1457-08CP Datasheet HTML 5Page - ON Semiconductor CM1457-08CP Datasheet HTML 6Page - ON Semiconductor CM1457-08CP Datasheet HTML 7Page - ON Semiconductor CM1457-08CP Datasheet HTML 8Page - ON Semiconductor CM1457-08CP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CM1457
Rev. 4 | Page 4 of 9 | www.onsemi.com
Standard Operating Conditions
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
Electrical Operating Characteristics (see Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
TOT
Total Channel Inductance
70
nH
R
TOT
Total Channel DC Resistance
45
Ω
C
TOT_0V
Total Channel Capacitance, 0V bias
0V dc; 1MHz, 30mV rms
20
24
pF
C
TOT_2.5V
Total Channel Capacitance, 2.5V bias
2.5V dc; 1MHz, 30mV rms
12.5
pF
V
ST
Stand-off Voltage
I = 10
μA
5.5
V
I
LEAK
Diode Leakage Current
V
IN = +3.3V
0.1
0.5
μA
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Contact discharge per
IEC 61000-4-2 standard, Level 4
(External Pins)
b) Contact discharge per
IEC 61000-4-2 standard, Level 4
(Internal Pins)
Notes 2 and 3
±15
±2
kV
kV
f
C
Cut-off frequency
Z
SOURCE = 50Ω, ZLOAD = 50Ω
300
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Unused pins are left open.


Similar Part No. - CM1457-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1457-08CP ONSEMI-CM1457-08CP Datasheet
191Kb / 7P
   8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
More results

Similar Description - CM1457-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1453-08CP ONSEMI-CM1453-08CP Datasheet
400Kb / 12P
   Praetorian 8-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1443-08CP ONSEMI-CM1443-08CP_11 Datasheet
478Kb / 10P
   8-Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com