Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1460-06DE Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1460-06DE
Description  Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1460-06DE Datasheet(HTML) 5 Page - ON Semiconductor

  CM1460-06DE Datasheet HTML 1Page - ON Semiconductor CM1460-06DE Datasheet HTML 2Page - ON Semiconductor CM1460-06DE Datasheet HTML 3Page - ON Semiconductor CM1460-06DE Datasheet HTML 4Page - ON Semiconductor CM1460-06DE Datasheet HTML 5Page - ON Semiconductor CM1460-06DE Datasheet HTML 6Page - ON Semiconductor CM1460-06DE Datasheet HTML 7Page - ON Semiconductor CM1460-06DE Datasheet HTML 8Page - ON Semiconductor CM1460-06DE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CM1460
Rev. 2 | Page 5 of 19 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
Channel Inductance
17
nH
C
TOTAL
Total Channel Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
24
30
36
pF
C
Capacitance C1
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
15
pF
V
DIODE
Standoff Voltage
I
DIODE=10µA
6.0
V
I
LEAK
Diode Leakage Current (reverse bias)
V
DIODE=+3.3V
0.1
1.0
µ
A
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = –10mA
5.6
–1.5
6.8
–0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method
3015
b) Contact Discharge per IEC 61000-4-2 Level 4
Notes 2 and 3
±
30
±
15
kV
kV
R
DYN
Dynamic Resistance
Positive
Negative
2.3
0.9
f
R
Roll-off Frequency at -6dB Attenuation
Z
SOURCE=50Ω, ZLOAD=50Ω
350
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin (i.e. if ESD is applied to pin A1 then
clamping voltage is measured at pin C1). Unused pins are left open.


Similar Part No. - CM1460-06DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1460-06DE CALMIRCO-CM1460-06DE Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
More results

Similar Description - CM1460-06DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1461 ONSEMI-CM1461 Datasheet
1Mb / 18P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1693-04DE ONSEMI-CM1693-04DE Datasheet
178Kb / 8P
   L-C LCD and Camera EMI Filter Array with ESD Protection
May, 2013 ??Rev. 3
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
   L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com