Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1484 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1484
Description  Dual Channel EMI Filter with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1484 Datasheet(HTML) 1 Page - ON Semiconductor

  CM1484 Datasheet HTML 1Page - ON Semiconductor CM1484 Datasheet HTML 2Page - ON Semiconductor CM1484 Datasheet HTML 3Page - ON Semiconductor CM1484 Datasheet HTML 4Page - ON Semiconductor CM1484 Datasheet HTML 5Page - ON Semiconductor CM1484 Datasheet HTML 6Page - ON Semiconductor CM1484 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dual Channel EMI Filter
with ESD Protection
CM1484
©2010 SCILLC. All rights reserved.
Publication Order Number:
May 2010 – Rev. 0
CM1484/D
Features
Two channels of EMI filtering with integrated
ESD protection
Pi-style EMI filters in a capacitor-resistor-
capacitor (C-R-C) network
±15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±30kV ESD protection on each channel (HBM)
Greater than 20dB attenuation (typical) at 1
GHz
5-lead SC70 package
Lead-free version available
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets,
notebook computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs
or notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1484 is a two channel pi-style EMI filter
array with ESD protection, housed in a 5-lead SC-
70 package. The CM1484 has component values of
11pF-100W-11pF per channel. The CM1484 has a
cut-off frequency of 220MHz and can be used in
applications with data rates up to 80Mbps. The
parts include ESD diodes on every pin, which
provide a very high level of protection for sensitive
electronic components that may be subjected to
electrostatic discharge (ESD). The ESD protection
diodes safely dissipate ESD strikes of ±15kV, well
beyond the maximum requirement of the IEC61000-
4-2 international standard. Using the MIL-STD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the pins are protected for contact
discharges at greater than ±30kV.
These
devices
are
particularly
well-suited
for
portable electronics (e.g. wireless handsets, PDAs,
notebook
computers)
because
of
their
small
package and easy-to-use pin assignments. In
particular, the CM1484 is ideal for EMI filtering and
protecting data and control lines for the I/O data
ports, LCD display and camera interface in mobile
handsets.
The CM1484 is housed in a small, 5-lead SC70
package and is available with lead-free finishing.


Similar Part No. - CM1484

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
   Dual Channel EMI Filter with ESD Protection
logo
Visual Communications C...
CM1484 VCC-CM1484 Datasheet
46Kb / 1P
   Base
logo
California Micro Device...
CM1484-02S7 CALMIRCO-CM1484-02S7 Datasheet
227Kb / 5P
   Dual Channel EMI Filter with ESD Protection
More results

Similar Description - CM1484

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1485 CALMIRCO-CM1485 Datasheet
235Kb / 6P
   Dual Channel EMI Filter with ESD Protection
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
   Dual Channel EMI Filter with ESD Protection
logo
ON Semiconductor
CM1485 ONSEMI-CM1485 Datasheet
175Kb / 8P
   Dual Channel EMI Filter with ESD Protection
May 2010 ??Rev. 2
logo
Vishay Siliconix
VEMI65AC-HCI-GS08 VISHAY-VEMI65AC-HCI-GS08 Datasheet
110Kb / 6P
   6-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 08-Aug-12
VEMI353A-HAF VISHAY-VEMI353A-HAF Datasheet
106Kb / 6P
   3-Channel EMI-Filter with ESD-Protection
Rev. 1.0, 21-Apr-10
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI255A-HS3 VISHAY-VEMI255A-HS3 Datasheet
441Kb / 7P
   2-channel EMI Filter with ESD-Protection
Rev. 1.2, 15-Aug-05
VEMI353A-HA3 VISHAY-VEMI353A-HA3 Datasheet
91Kb / 6P
   3-Channel EMI-Filter with ESD-Protection
Rev. 1.5, 14-Sep-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com