Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14032B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14032B
Description  Triple Serial Adders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14032B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14032B Datasheet HTML 1Page - Motorola, Inc MC14032B Datasheet HTML 2Page - Motorola, Inc MC14032B Datasheet HTML 3Page - Motorola, Inc MC14032B Datasheet HTML 4Page - Motorola, Inc MC14032B Datasheet HTML 5Page - Motorola, Inc MC14032B Datasheet HTML 6Page - Motorola, Inc MC14032B Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14032B MC14038B
130
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
A, B or Invert to Sum
tPLH, tPHL = (1.7 ns/pF) CL + 195 ns
tPLH, tPHL = (0.66 ns/pF) CL + 87 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
tPLH,
tPHL
5.0
10
15
280
120
90
1400
300
230
ns
Clock to Sum
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 147 ns
tPLH, tPHL = (0.5 ns/pF) CL + 110 ns
5.0
10
15
500
180
135
2400
600
450
ns
Input Setup Time
tsu
5.0
10
15
10
10
10
– 10
0
0
ns
Clock Pulse Frequency
fcl
5.0
10
15
4.0
10
12
1.0
2.5
4.0
MHz
Clock Rise and Fall Times
tTHL, tTLH
5.0
10
15
1 5
5
4
µs
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
TIMING DIAGRAMS
MC14032B
MC14038B
A
B
C
INV
CR
S
WORD 1 + WORD 2
WORD 3 + WORD 4
TRUE SUM
COMPLEMENTED
SUM
WORD 1:
WORD 2:
0.0111100
0.0110010
=
=
+ 60
+ 50
0.1101110 = + 110
WORD 3:
WORD 4:
1.1011011
1.1001110
=
=
– 37
– 50
1.0101001 = – 87
WORD 1:
WORD 2:
1.1000011
1.1001101
=
=
– 61
– 51
1.0010000 = – 112
WORD 3:
WORD 4:
0.0100100
0.0110001
=
=
+ 36
+ 49
0.1010101 = + 85
TRUE SUM
COMPLEMENTED
SUM
WORD 1 + WORD 2
WORD 3 + WORD 4
A
B
C
INV
CR
S
NOTE: Unused input pins must be connected to either VDD or VSS.


Similar Part No. - MC14032B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Similar Description - MC14032B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4032B STMICROELECTRONICS-HCC4032B Datasheet
236Kb / 11P
   TRIPLE SERIAL ADDERS
logo
Texas Instruments
SN54LS385 TI-SN54LS385 Datasheet
130Kb / 3P
[Old version datasheet]   QUADRUPLE SERIAL ADDERS/SUBTRACTORS
SN54LS385_1998 TI1-SN54LS385_1998 Datasheet
143Kb / 4P
[Old version datasheet]   QUADRUPLE SERIAL ADDERS/SUBTRACTORS
SN7480 TI-SN7480 Datasheet
158Kb / 3P
[Old version datasheet]   GATED FULL ADDERS
SN74LS183D TI1-SN74LS183D Datasheet
149Kb / 4P
[Old version datasheet]   DUAL CARRY-SAVE FULL ADDERS
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
SN54LS183 TI1-SN54LS183 Datasheet
149Kb / 4P
[Old version datasheet]   DUAL CARRY SAVE FULL ADDERS
logo
List of Unclassifed Man...
SN74LS183 ETC-SN74LS183 Datasheet
147Kb / 4P
   DUAL CARRY SAVE FULL ADDERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com