Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8011 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8011
Description  16-bit Digital Signal Controllers
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8011 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8011 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8011 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
56F8013/56F8011 Features
56F8013/56F8011 Data Sheet, Rev. 12
Freescale Semiconductor
7
1.1.4
Peripheral Circuits for 56F8013/56F8011
One multi-function six-output Pulse Width Modulator (PWM) module
— Up to 96MHz PWM operating clock
— 15 bits of resolution
— Center-aligned and Edge-aligned PWM signal mode
— Four programmable fault inputs with programmable digital filter
— Double-buffered PWM registers
— Each complementary PWM signal pair can output different switching frequency by selecting
PWM generation sources from:
– PWM generator
– External GPIO
– Internal timers
– ADC conversion result of over/under limits:
– When the conversion result is greater than high limit, deactivate PWM signal
– When the conversion result is less than low limit, activate the PWM signal
Two independent 12-bit Analog-to-Digital Converters (ADCs)
— 2 x 3 channel inputs
— Supports both simultaneous and sequential conversions
— ADC conversions can be synchronized by both PWM and timer modules
— Sampling rate up to 2.67MSPS
— 8-word result buffer registers
— ADC Smart Power Management (Auto-standby, auto-powerdown)
One 16-bit multi-purpose Quad Timer module (TMR)
— Up to 96MHz operating clock
— Four independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
One Serial Communication Interface (SCI) with LIN Slave functionality
— Full-duplex or single-wire operation
— Two receiver wake-up methods:
– Idle line
– Address mark
One Serial Peripheral Interface (SPI)
— Full-duplex operation
— Master and slave modes
— Programmable Length Transactions (2 to 16 bits)
One Inter-Integrated Circuit (I2C) port
— Operates up to 400kbps
— Supports both master and slave operation
Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources


Similar Part No. - 56F8011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8011 FREESCALE-56F8011 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com