Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2030 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM2030
Description  HDMI Receiver Port Protection and Interface Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2030 Datasheet(HTML) 3 Page - ON Semiconductor

  CM2030 Datasheet HTML 1Page - ON Semiconductor CM2030 Datasheet HTML 2Page - ON Semiconductor CM2030 Datasheet HTML 3Page - ON Semiconductor CM2030 Datasheet HTML 4Page - ON Semiconductor CM2030 Datasheet HTML 5Page - ON Semiconductor CM2030 Datasheet HTML 6Page - ON Semiconductor CM2030 Datasheet HTML 7Page - ON Semiconductor CM2030 Datasheet HTML 8Page - ON Semiconductor CM2030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CM2030
Rev. 5 | Page 3 of 17 | www.onsemi.com
PIN DESCRIPTIONS
PINS
NAME
ESD Level
DESCRIPTION
4, 35
TMDS_D2+
8kV
3
TMDS 0.9pF ESD protection.
1
6, 33
TMDS_D2–
8kV
3
TMDS 0.9pF ESD protection.
1
7, 32
TMDS_D1+
8kV
3
TMDS 0.9pF ESD protection.
1
9, 30
TMDS_D1–
8kV
3
TMDS 0.9pF ESD protection.
1
10, 29
TMDS_D0+
8kV
3
TMDS 0.9pF ESD protection.
1
12, 27
TMDS_D0–
8kV
3
TMDS 0.9pF ESD protection.
1
13, 26
TMDS_CK+
8kV
3
TMDS 0.9pF ESD protection.
1
15, 24
TMDS_CK–
8kV
3
TMDS 0.9pF ESD protection.
1
16
CE_REMOTE_IN
2kV
4
CE_SUPPLY referenced logic level in.
23
CE_REMOTE_OUT
8kV
3
5V_SUPPLY referenced logic level out plus 10pF ESD.
6
17
DDC_CLK_IN
2kV
4
LV_SUPPLY referenced logic level in.
22
DDC_CLK_OUT
8kV
3
5V_SUPPLY referenced logic level out plus 10pF ESD.
6
18
DDC_DAT_IN
2kV
4
LV_SUPPLY referenced logic level in.
21
DDC_DAT_OUT
8kV
3
5V_SUPPLY referenced logic level out plus 10pF ESD.
6
19
HOTPLUG_DET_IN
2kV
4
LV_SUPPLY referenced logic level in.
20
HOTPLUG_DET_OUT
8kV
3
5V_SUPPLY referenced logic level out plus 10pF ESD. A 0.1µF
bypass ceramic capacitor is recommended on this pin.
2
2
LV_SUPPLY
2kV
4
Bias for CE / DDC / HOTPLUG level shifters.
37
CE_SUPPLY
2kV
4,2
CEC bias voltage. Previously CM2020 ESD_BYP pin.
1
5V_SUPPLY
2kV
4
Current source for 5V_OUT, VREF for DDC I
2C voltage references,
and bias for 8kV ESD pins.
38
5V_OUT
8kV
3
55mA minimum overcurrent protected 5V output. This output must be
bypassed with a 0.1µF ceramic capacitor.
3, 5, 8, 11,
14, 25,
28, 31, 34, 36
GND / TMDS_GND
N/A
GND reference.
Note 1: These 2 pins need to be connected together in-line on the PCB. See recommended layout diagram.
Note 2: This output can be connected to an external 0.1
µF ceramic capacitor/pads to maintain backward compatibility with the
CM2020.
Note 3: Standard IEC 61000-4-2, C
DISCHARGE=150pF,
R
DISCHARGE=330,
5V_SUPPLY and LV_SUPPLY within recommended
operating conditions, GND=0V, 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1
µF
ceramic capacitor connected to GND.
Note 4: Human Body Model per MIL-STD-883, Method 3015, C
DISCHARGE=100pF, RDISCHARGE=1.5k, 5V_SUPPLYand LV_SUPPLY
within recommended operating conditions, GND=0V, 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each
bypassed with a 0.1
µF ceramic capacitor connected to GND.
Note 5: These pins should be routed directly to the associated GND pins on the HDMI connector with single point ground vias at
the connector.
Note 6: The slew-rate control and active acceleration circuitry dynamically offsets the system capacitive load on these pins.


Similar Part No. - CM2030

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
CM2030-A0TR CALMIRCO-CM2030-A0TR Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
List of Unclassifed Man...
CM203026 ETC-CM203026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM203060 ETC-CM203060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM2030

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com