Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F805_0709 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 56F805_0709
Description  16-bit Digital Signal Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805_0709 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 56F805_0709 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F805_0709 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
56F805 Technical Data, Rev. 16
10
Freescale Semiconductor
2.2 Power and Ground Signals
Table 2-2 Power Inputs
No. of Pins
Signal Name
Signal Description
8
VDD
Power—These pins provide power to the internal structures of the chip, and
should all be attached to VDD.
1
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the
chip and should be connected to a low noise 3.3V supply.
Table 2-3 Grounds
No. of Pins
Signal Name
Signal Description
7
VSS
GND—These pins provide grounding for the internal structures of the chip, and
should all be attached to VSS.
1
VSSA
Analog Ground—This pin supplies an analog ground.
1
TCS
TCS—This Schmitt pin is reserved for factory use and must be tied to VSS for
normal use. In block diagrams, this pin is considered an additional VSS.
Table 2-4 Supply Capacitors and VPP
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
2
VCAPC
Supply
Supply
VCAPC—Connect each pin to a 2.2
μF or greater bypass
capacitor in order to bypass the core logic voltage regulator,
required for proper chip operation. For more information,
please refer to Section 5.2.
1
VPP
Input
Input
VPP—This pin should be left unconnected as an open circuit
for normal functionality.


Similar Part No. - 56F805_0709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F805 MOTOROLA-56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
logo
Freescale Semiconductor...
56F805 FREESCALE-56F805 Datasheet
729Kb / 56P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F805_0709

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com