Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656BIS6-3TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT6656BIS6-3TRPBF
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BIS6-3TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT6656BIS6-3TRPBF Datasheet HTML 1Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 2Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 3Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 4Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 5Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 6Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 7Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 8Page - Linear Technology LT6656BIS6-3TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT6656

6656fa
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: If the parts are stored outside of the specified temperature range,
the output may shift due to hysteresis.
Note 3: The stated temperature is typical for soldering of the leads during
manual rework. For detailed IR reflow recommendations, refer to the
Applications section.
Note 4: Temperature coefficient is measured by dividing the maximum
change in output voltage by the specified temperature range.
Note 5: Load regulation is measured with a pulse from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 6: Excludes load regulation errors.
Note 7: Peak-to-peak noise is measured with a 3-pole highpass filter at
0.1Hz and a 4-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads. The test
time is 10 seconds. RMS noise is measured on a spectrum analyzer in a
shielded environment.
Note 8: Long term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours with a continuing trend toward
reduced drift with time. Long-term stability will also be affected by
differential stresses between the IC and the board material created during
board assembly.
Note 9: Hysteresis in output voltage is created by mechanical stress
that differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. For instruments that are stored at well controlled
temperatures (within 20 or 30 degrees of operational temperature)
hysteresis is usually not a dominant error source.
Typical perForMance characTerisTics
Output Voltage Temperature Drift
Typical VOUT Distribution
Supply Current vs Input Voltage
100
10
1
0.1
INPUT VOLTAGE (V)
0
10
18
6
14
6656 G17
20
8
16
4
12
2
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –55°C
1.25V OPTION
TEMPERATURE (°C)
–60 –40
–1000
0
1000
2000
3000
5000
6000
7000
8000
9000
4000
10000
–20 0 20 40
6652 G01
60
120
100
80
ALL OPTIONS
25 TYPICAL UNITS
NORMALIZED AT 25°C
CL = 1µF
IL = 0
OUTPUT VOLTAGE ERROR (%)
–0.10
0.10
200
20
180
140
100
60
160
120
80
40
0
6656 G02
–0.02
–0.06
0.06
0.02
0
ALL OPTIONS
CL = 1µF
IL = 0
TA = 25°C


Similar Part No. - LT6656BIS6-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BIS6-2.5 LINER-LT6656BIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5PBF LINER-LT6656BIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5TRPBF LINER-LT6656BIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BIS6-3TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com