Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8645MKE Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8645MKE
Description  Precision High Voltage Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645MKE Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMP8645MKE Datasheet HTML 7Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 8Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 9Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 10Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 11Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 12Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 13Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 14Page - National Semiconductor (TI) LMP8645MKE Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Information
GENERAL
The LMP8645 and LMP8645HV are single supply high side
current sense amplifiers with variable gain selected through
an external resistor and a common mode voltage range of -2V
to 42V or -2V to 76V depending on the grade.
The sense voltage is amplified by a user-selected gain and
level shifted from the positive power supply to a ground-re-
ferred output.
THEORY OF OPERATION
As seen from the picture below, the current flowing through
R
S develops a voltage drop equal to VSENSE across RS. The
high impedance inputs of the amplifier doesn’t conduct this
current and the high open loop gain of the sense amplifier
forces its non-inverting input to the same voltage as the in-
verting input. In this way the voltage drop across R
IN matches
V
SENSE. A current proportional to IS according to the following
relation:
I
S= VSENSE/RIN = RS*IS/RIN , where RIN = 1/Gm
flows entirely in the external gain resistor developing a voltage
drop equal to
V
G = IS*RGAIN = (VSENSE/RIN) *RGAIN = ((RS*IS)/RIN)*RGAIN
This voltage is buffered and showed at the output with a very
low impedance allowing a very easy interface of the LMP8645
with other ICs (ADC,
μC…).
V
OUT = (RS*IS)*G, where G = RGAIN/RIN
30071603
FIGURE 1. Current monitor
SELECTION OF THE SHUNT RESISTOR
The accuracy of the current measurement strictly depends on
the value of the shunt resistor R
S. Its value depends on the
application and it is a compromise between small-signal ac-
curacy and maximum permissible voltage loss in the mea-
surement section. High values of R
S provide better accuracy
at lower currents by minimizing the effects of offset, while low
values of R
S minimize voltage loss in the supply section. For
most applications, best performance is obtained with an R
S
value that provides a full-scale shunt voltage range of 100 mV
to 200 mV.
SELECTION OF THE GAIN RESISTOR
In the LMP8645 and LMP8645HV the gain is selected through
an external resistor connected to the R
G pin. Moreover the
gain resistor R
GAIN determines the voltage of the output buffer
which is related to the supply voltage and to the common
mode voltage of the input signal. The gain resistor must be
chosen such that the max output voltage does not exceed the
LMP8645 max output voltage rating for a given common
mode voltage.
The following equations explain how to select the gain resistor
for various range of the input common mode voltage.
Case 1
−2V < V
CM 1.8V
The max voltage at the RG pin is given by the following in-
equality V
RG=Vsense*RGAIN
*Gm
min(1.3V; Vout_max)
where Vout_max is the maximum allowable output voltage
according to the Electrical Tables.All the gain resistors
(R
GAIN) which respect the previous inequality are allowed. The
graphical representation in Figure 2 helps in the selection; all
the combinations (V
SENSE, RGAIN) below the curve are al-
lowed.
30071604
FIGURE 2. Allowed Gains for CASE 1
As a consequence once selected the gain (R
GAIN) the
V
SENSE range is fixed too. For example if an application re-
quired a Gain of 10, R
G will be 50 kΩ and VSENSE will be in the
range 10 mV to 100 mV.
Case 2
1.8V < V
CM VS
In this case the max voltage at the R
G pin is related to the
common mode voltage and V
SENSE. So all the RGAIN resistors
which respect the following inequalities are allowed:
V
R
G
min (Vout_max; (V
CM - Vsense-250mV))
where
V
RG = VSENSE*RGAIN*Gm and Vout_max is the maximum
allowable output voltage according to the Electrical Tables.
The graphical representation in Figure 3 helps in the selec-
tion; all the combinations (V
SENSE, RGAIN) below the curves for
given V
CM and supply voltage are allowed.
11
www.national.com


Similar Part No. - LMP8645MKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8645MKE TI1-LMP8645MKE Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645MKE/NOPB TI1-LMP8645MKE/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645MKE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com