Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8645HVMKX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8645HVMKX
Description  Precision High Voltage Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8645HVMKX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMP8645HVMKX Datasheet HTML 4Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 5Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 6Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 7Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 8Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 9Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 10Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 11Page - National Semiconductor (TI) LMP8645HVMKX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25°C, VS=V
+-V-, V
SENSE= +IN -
(-IN), R
L = 10 MΩ.
Supply Curent vs. Supply Voltage
30071625
Supply current vs. V
CM
30071626
AC PSRR vs. Frequency
30071612
AC CMRR vs. Frequency
30071613
Gain vs. Frequency
30071614
CMRR vs. V
CM
30071624
www.national.com
8


Similar Part No. - LMP8645HVMKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8645HVMKX TI1-LMP8645HVMKX Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645HVMKX/NOPB TI1-LMP8645HVMKX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645HVMKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com