Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744242220 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744242220
Description  COMMON MODE SMD LINE FILTER WE-SLM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744242220 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744242220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
8 ± 1,0
mm
B
4 ± 1,0
mm
C
16 ± 1,0
mm
D
mm
E
mm
F
mm
G
mm
H
mm
I
mm
J
mm
T
mm
a
178 ± 2,0
mm
b
21 ± 0,8
mm
c
13 ± 0,5
mm
d
50 ±1,0
mm
e
20.5
mm
f
18
mm
quantity: 500 pieces
..................................................................................
MST
Version 3
06-02-08
..................................................................................
MST
Version 1
05-07-28
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
I Rollenspezifikation / tape and reel specification:
Freigabe erteilt / general release:
Datum / date
744242220
Rollenspezifikation / Reel specification:
Kunde / customer
..................................................................................
DATUM / DATE : 2006-02-08
Geprüft / checked
STROMKOMP. SMD LINE FILTER WE-SLM
COMMON MODE SMD LINE FILTER WE-SLM
http://www.we-online.com
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik eiSos GmbH & Co. KG
Unterschrift / signature
Würth Elektronik
............................................................
Kontrolliert / approved
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B
Ø c
a
b
d
e
f
C
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
x
x
x
x
x
x
x
x
x
SEITE 3 VON 3


Similar Part No. - 744242220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744242101 WURTH-744242101 Datasheet
103Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242330 WURTH-744242330 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242471 WURTH-744242471 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
More results

Similar Description - 744242220

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242101 WURTH-744242101 Datasheet
103Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242330 WURTH-744242330 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242471 WURTH-744242471 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744205 WURTH-744205 Datasheet
1Mb / 6P
   WE-SL SMD Common Mode Line Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com