Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC10ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC10ADR2G
Description  Triple 3-Input NAND Gate High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC10ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC10ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC10ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 1
1
Publication Order Number:
MC74HC10A/D
MC74HC10A
Triple 3-Input NAND Gate
High−Performance Silicon−Gate CMOS
The MC74HC10A is identical in pinout to the LS10. The device
inputs are compatible with Standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2 to 6 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the Requirements Defined JEDEC
Standard No. 7 A
Chip Complexity: 36 FETs or 9 Equivalent Gates
Pb−Free Packages are Available
LOGIC DIAGRAM
PIN 14 = VCC
PIN 7 = GND
Y = ABC
A1
B1
C1
A2
B2
C2
A3
B3
C3
Y1
1
2
13
Y2
Y3
3
4
5
9
10
11
12
6
8
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
B3
C3
Y1
C1
VCC
Y3
A3
B2
A2
B1
A1
GND
Y2
C2
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC10AG
AWLYWW
1
14
HC
10A
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HC10AN
AWLYYWWG
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74HC10ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC10ADR2G ONSEMI-MC74HC10ADR2G Datasheet
123Kb / 6P
   Triple 3-Input NAND Gate
May, 2013 ??Rev. 2
More results

Similar Description - MC74HC10ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC132A ONSEMI-MC74HC132A_V01 Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
MC74HCT259A ONSEMI-MC74HCT259A Datasheet
133Kb / 9P
   High?뭁erformance Silicon?묰ate CMOS
April, 2011 ??Rev. 3
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com