Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC112ANG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC112ANG
Description  Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC112ANG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC112ANG Datasheet HTML 1Page - ON Semiconductor MC74HC112ANG Datasheet HTML 2Page - ON Semiconductor MC74HC112ANG Datasheet HTML 3Page - ON Semiconductor MC74HC112ANG Datasheet HTML 4Page - ON Semiconductor MC74HC112ANG Datasheet HTML 5Page - ON Semiconductor MC74HC112ANG Datasheet HTML 6Page - ON Semiconductor MC74HC112ANG Datasheet HTML 7Page - ON Semiconductor MC74HC112ANG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HC112A
http://onsemi.com
5
SWITCHING WAVEFORMS
tsu
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CLOCK
Q or Q
90%
90%
50%
10%
tf
tr
VCC
GND
tw
1/fmax
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Figure 1.
Figure 2.
Figure 3.
Figure 4. Test Circuit
50%
50%
50%
50%
VCC
VCC
GND
GND
SET OR
RESET
Q OR Q
Q OR Q
CLOCK
tPLH
tPHL
trec
tw
VALID
50%
J OR K
CLOCK
VCC
VCC
GND
GND
th
EXPANDED LOGIC DIAGRAM
RESET
K
CLOCK
15, 14
3, 11
2,12
1, 13
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
Q
Q
5, 9
6, 7
CL
CL
CL
J
4, 10
SET
50%


Similar Part No. - MC74HC112ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC112ADG ONSEMI-MC74HC112ADG Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
MC74HC112ADR2G ONSEMI-MC74HC112ADR2G Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
MC74HC112ADTG ONSEMI-MC74HC112ADTG Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
MC74HC112ADTR2G ONSEMI-MC74HC112ADTR2G Datasheet
138Kb / 7P
   Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
More results

Similar Description - MC74HC112ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
   Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
   Dual J-K Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com