Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT86ADT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHCT86ADT
Description  Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT86ADT Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHCT86ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 6Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 7Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74VHCT86A
http://onsemi.com
2
LOGIC DIAGRAM
Y = A)B
3
Y1
1
A1
2
B1
6
Y2
4
A2
5
B2
8
Y3
9
A3
10
B3
11
Y4
12
A4
13
B4
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
VCC = 0
High or Low State
– 0.5 to + 7.0
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
− 20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may
adversely affect device reliability. Functional operation under absolute−maximum−rated
conditions is not implied.
†Derating — SOIC Packages: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
VIN
0.0
5.5
V
DC Output Voltage
VCC = 0
High or Low State
VOUT
0.0
0.0
5.5
VCC
V
Operating Temperature Range
TA
−55
+85
°C
Input Rise and Fall Time
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
tr , tf
0
0
100
20
ns/V
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.3
− 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT86ADTR2G ONSEMI-MC74VHCT86ADTR2G Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results

Similar Description - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com