Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP196BMNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP196BMNG
Description  3.3 V ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196BMNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP196BMNG Datasheet HTML 1Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 2Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 3Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 4Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 5Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 6Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 7Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 8Page - ON Semiconductor MC100EP196BMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC100EP196B
http://onsemi.com
2
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Figure 1. 32−Lead LQFP (Top View)
VBB
IN
D8
VEF
D9
D10
IN
VCF
VEE
D0
VCC
Q
Q
FTUNE
VCC
VCC
Exposed Pad (EP)
Figure 2. 32−Lead QFN (Top View)
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
MC100EP196B
VCF
VEF
VBB
IN
IN
D10
D8
FTUNE
VCC
VCC
Q
Q
VCC
VEE
D0
D9
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
MC100EP196B


Similar Part No. - MC100EP196BMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196BMNG ONSEMI-MC100EP196BMNG Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results

Similar Description - MC100EP196BMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com