Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744824433 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744824433
Description  COMMON MODE CHOKE WE-CMB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744824433 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744824433 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
L
A
27,5 max
mm
B
18,5 max.
mm
C
10,0 ± 0,5
mm
D
12,0 ± 0,5
mm
E
33,0 max.
mm
F
5,0 ± 0,5
mm
G
1,0 ± 0,1
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung /
nominal voltage
33%
+25°C
1500 V,50 Hz
5mA , 2 sec.
MST
Version 5
04-10-11
MST
Version 4
04-06-22
MST
Version 3
03-12-01
AG
Version 2
03-04-12
MST
Version 1
03-03-07
Name
Änderung / modification
Datum / date
not exceed 125°C under worst case operating conditions.
Betriebstemp. / operating temperature:
-40°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
It is recommended that the temperature of the part does
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
Prüfspannung / testing voltage
@ 25°C
D Prüfgeräte / test equipment:
HP 34401 A für/for IN
typ.
WAYNE KERR WK3260B/WK3265 für/for L0/LN und/and RDC
UN
IDC
E Testbedingungen / test conditions:
max.
744824433
LO
3,3
A Mechanische Abmessungen / dimensions:
10 kHz / 50µA
Kleber / glue:
Kunde / customer :
STROMKOMP. DROSSEL WE-CMB
COMMON MODE CHOKE WE-CMB
Artikelnummer / part number :
mH
RDC
VAC
m
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
A
Testbedingungen / test
conditions
4,0
35,0
±30%
http://www.we-online.com
Datum / date
...........................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
...........................................................................
.........................................................................
Freigabe erteilt / general release:
Kunde / customer
B Elektrische Eigenschaften / electrical properties:
250
UL94V-2
Abstandhalter / spacer
2UEWF (155°C)
Würth Elektronik
.........................................................................
F Werkstoffe & Zulassungen / material & approvals
G Eigenschaften / general specifications:
UL94V-0
Klimabeständigkeit/ climatic class:
40/125/21
Sockel / base:
UL94V-0
Draht / wire:
9
2
N1
7
4
N2
C
D
B
E
F
A
G
2
47
9
RoHS
compliant
LF
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the
field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public
information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic
component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for
the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
SEITE 1 VON 1


Similar Part No. - 744824433

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744824405 WURTH-744824405 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
002.001
744824407 WURTH-744824407 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
002.001
More results

Similar Description - 744824433

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448256033 WURTH-7448256033 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823422 WURTH-744823422 Datasheet
59Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823305 WURTH-744823305 Datasheet
182Kb / 1P
   COMMON MODE CHOKE WE-CMB
744821201 WURTH-744821201 Datasheet
132Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823210 WURTH-744823210 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744825433 WURTH-744825433 Datasheet
183Kb / 1P
   COMMON MODE CHOKE WE-CMB
744824622 WURTH-744824622 Datasheet
135Kb / 1P
   COMMON MODE CHOKE WE-CMB
7448251201 WURTH-7448251201 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822110 WURTH-744822110 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822222 WURTH-744822222 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
S14100038 WURTH-S14100038 Datasheet
215Kb / 2P
   COMMON MODE CHOKE WE-CMB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com