Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DA1
Description  DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DA1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DA1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - DA1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
DA1-B0-34-450-121 CARLINGTECH-DA1-B0-34-450-121 Datasheet
1Mb / 8P
   Circuit Breaker
logo
Artesyn Technologies
DA10-050 ARTESYN-DA10-050 Datasheet
717Kb / 5P
   High average loading efficiency 79%
DA10-050CH ARTESYN-DA10-050CH Datasheet
717Kb / 5P
   High average loading efficiency 79%
DA10-050EU ARTESYN-DA10-050EU Datasheet
717Kb / 5P
   High average loading efficiency 79%
DA10-050UK ARTESYN-DA10-050UK Datasheet
717Kb / 5P
   High average loading efficiency 79%
More results

Similar Description - DA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL-G-15P-S3C2-E ETC1-IL-G-15P-S3C2-E Datasheet
590Kb / 3P
   2.5mm Contact Spacing PCB-to-Cable Connectors
logo
Japan Aviation Electron...
IL-WX-10SB-VF-BE JAE-IL-WX-10SB-VF-BE Datasheet
868Kb / 4P
   0.8MM9.031)CONTACT SPACING PCB-TO-PCB SMT CONNECTORS
FI-SEB20P-HFE JAE-FI-SEB20P-HFE Datasheet
375Kb / 9P
   FI SERIES CONNECTORS - 1.25mm (.049) Contact Spacing, Connector for PCB-to-Cable
FI-X JAE-FI-X Datasheet
312Kb / 8P
   FI-X SERIES CONNECTORS - 1.00mm Contact Spacing, Connector for PCB-to-Cable
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
   2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
logo
Molex Electronics Ltd.
1050801001 MOLEX11-1050801001 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Battery Connector with Fitting Nail, SMT, Contact Width 0.60mm(.024")
0476040001 MOLEX6-0476040001 Datasheet
110Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits
1050750001 MOLEX11-1050750001 Datasheet
126Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits, Lead-free
0474800001 MOLEX6-0474800001 Datasheet
121Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.60mm (.024"), 4 Circuits, Lead-free
logo
Japan Aviation Electron...
CT150-4C-FIX JAE-CT150-4C-FIX Datasheet
312Kb / 8P
   Contact Spacing, Connector for PCB-to-Cable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com