Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725
Description  2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24725 Datasheet HTML 1Page - Texas Instruments BQ24725 Datasheet HTML 2Page - Texas Instruments BQ24725 Datasheet HTML 3Page - Texas Instruments BQ24725 Datasheet HTML 4Page - Texas Instruments BQ24725 Datasheet HTML 5Page - Texas Instruments BQ24725 Datasheet HTML 6Page - Texas Instruments BQ24725 Datasheet HTML 7Page - Texas Instruments BQ24725 Datasheet HTML 8Page - Texas Instruments BQ24725 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
VCC
BATDRV
REGN
BTST
HIDRV
PHASE
LODRV
GND
SRP
SRN
Q4
Sis412DN
L1
4.7µH
SYSTEM
C10
10µF
RSR
10m?
R1
430k
R2
66.5k
C2
0.1µF
U1
bq24725
C8
10uF
Q3
Sis412DN
Q5 (BATFET)
FDS6680A
C7
0.047µF
Adapter +
RAC 10m?
Pack +
C13
0.1µF
C6
1µF
HOST
Dig I/O
SMBus
+3.3V
C4
100p
R4
10k
R5
10k
R7
316k
ACN
ACP
CMSRC
ACDRV
ACDET
ILIM
SDA
SCL
ACOK
IOUT
Ci
2.2µF
Ri
2?
D2
BAT54C
R9
10
R3
10k
R8
100k
R10
4.02k
R11
4.02k
EN
D1
BAT54
C12
0.1µF
C14
0.1µF
C9
10uF
C11
10µF
Pack -
C3
0.1µF
C5
1µF
R6
4.02k
C1
0.1µF
Total
Csys
220µF
C15
0.01µF
C16
0.1µF
C17
2200pF
Adapter -
ADC
U2
IMD2A
Q1 (ACFET)
FDS6680A
Q2 (RBFET)
FDS6680A
PowerPad
R12
1M
R13
3.01M
Q6
BSS138W
Reverse
Input
Protection
Dig I/O
EN
bq24725
SLUS702 – JULY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
Fs = 750kHz, IADPT = 4.096A, ICHRG = 2.944A, ILIM = 4A, VCHRG = 12.592V, 90W adapter and 3S2P battery pack
Figure 1. Typical System Schematic with Two NMOS Selector
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :bq24725


Similar Part No. - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
   2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com