Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725RGRR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725RGRR
Description  2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24725RGRR Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ24725RGRR Datasheet HTML 22Page - Texas Instruments BQ24725RGRR Datasheet HTML 23Page - Texas Instruments BQ24725RGRR Datasheet HTML 24Page - Texas Instruments BQ24725RGRR Datasheet HTML 25Page - Texas Instruments BQ24725RGRR Datasheet HTML 26Page - Texas Instruments BQ24725RGRR Datasheet HTML 27Page - Texas Instruments BQ24725RGRR Datasheet HTML 28Page - Texas Instruments BQ24725RGRR Datasheet HTML 29Page - Texas Instruments BQ24725RGRR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
SAT
CHG
RIPPLE
I
I
+ (1/2) I
³
IN
RIPPLE
S
V
D
(1
D)
I
=
L
f
´
´
-
´
bq24725
SLUS702 – JULY 2010
www.ti.com
Table 8. Component List for Typical System Circuit of Figure 1 (continued)
PART DESIGNATOR
QTY
DESCRIPTION
Q6
1
N-channel MOSFET, 50V, 0.2A, SOT-323, Diodes, BSS138W
L1
1
Inductor, SMT, 4.7µH, 5.5A, Vishay Dale, IHLP2525CZER4R7M01
R1
1
Resistor, Chip, 430k
Ω, 1/10W, 1%, 0603
R2
1
Resistor, Chip, 66.5k
Ω, 1/10W, 1%, 0603
R3, R4, R5
3
Resistor, Chip, 10k
Ω, 1/10W, 1%, 0603
R6, R10, R11
3
Resistor, Chip, 4.02k
Ω, 1/10W, 1%, 0603
R7
1
Resistor, Chip, 316k
Ω, 1/10W, 1%, 0603
R8
1
Resistor, Chip, 100k
Ω, 1/10W, 1%, 0603
R9
1
Resistor, Chip, 10
Ω, 1/4W, 1%, 1206
R12
1
Resistor, Chip, 1.00M
Ω, 1/10W, 1%, 0603
R13
1
Resistor, Chip, 3.01M
Ω, 1/10W, 1%, 0603
RAC, RSR
2
Resistor, Chip, 0.01
Ω, 1/2W, 1%, 1206
Ri
1
Resistor, Chip, 2
Ω, 1/2W, 1%, 1210
U1
1
Charger controller, 20 pin VQFN, TI, bq24725RGR
U2
1
Dual digital transistor, 40V, 30mA, SC-74, Rohm, IMD2A
APPLICATION INFORMATION
Reverse Input Voltage Protection
Q6, R12 and R13 in Figure 1 gives system and IC protection from reversed adapter voltage. In normal operation,
Q6 is turned off by negative Vgs. When adapter voltage is reversed, Q6 Vgs is positive. As a result, Q6 turns on
to short gate and source of Q2 so that Q2 is off. Q2 body diode blocks negative voltage to system. However,
CMSRC and ACDRV pins need R10 and R11 to limit the current due to the ESD diode of these pins when turned
on. Q6 must has low Vgs threshold voltage and low Qgs gate charge so it turns on before Q2 turns on. R10 and
R11 must have enough power rating for the power dissipation when the ESD diode is on. In Figure 2, the
Schottky diode D3 gives the reverse adapter voltage protection, no extra small MOSFET and resistors are
needed.
Reduce Battery Quiescent Current
When the adapter is not present, if VCC is powered with voltage higher than UVLO directly or indirectly (such as
through a LDO or switching converter) from battery, the internal BATFET charge pump gives the BATFET pin 6V
higher voltage than the SRN pin to drive the n-channel BATFET. As a result, the battery has higher quiescent
current. This is only necessary when the battery powers the system due to a high system current that goes
through the MOSFET channel instead of the body diode to reduce conduction loss and extend the battery
working life. When the system is totally shutdown, it is not necessary to let the internal BATFET charge pump
work. The host controller can use a digital signal EN to disconnect the battery power path to the VCC pin by U2
in Figure 1. As a result, battery quiescent current can be minimized. The host controller still can get power from
BATFET body diode because the total system current is the lowest when the system is shutdown, so there is no
high conduction loss of the body diode.
Inductor Selection
The bq24725 has three selectable fixed switching frequency. Higher switching frequency allows the use of
smaller inductor and capacitor values. Inductor saturation current should be higher than the charging current
(ICHG) plus half the ripple current (IRIPPLE):
(4)
The inductor ripple current depends on input voltage (VIN), duty cycle (D = VOUT/VIN), switching frequency (fS) and
inductance (L):
(5)
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :bq24725


Similar Part No. - BQ24725RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
   2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com