Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25060 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ25060
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25060 Datasheet(HTML) 3 Page - Texas Instruments

  BQ25060_1 Datasheet HTML 1Page - Texas Instruments BQ25060_1 Datasheet HTML 2Page - Texas Instruments BQ25060_1 Datasheet HTML 3Page - Texas Instruments BQ25060_1 Datasheet HTML 4Page - Texas Instruments BQ25060_1 Datasheet HTML 5Page - Texas Instruments BQ25060_1 Datasheet HTML 6Page - Texas Instruments BQ25060_1 Datasheet HTML 7Page - Texas Instruments BQ25060_1 Datasheet HTML 8Page - Texas Instruments BQ25060_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
bq25060
www.ti.com
SLUSA32 – MAY 2010
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and VIN = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VHYS-UVLO
Hysteresis on UVLO
VIN: 4V → 0V
250
mV
VBATUVLO
Battery UVLO
VBAT rising
1.95
2.05
2.15
V
VHYS-BUVLO
Hysteresis on BAT UVLO
VBAT falling
125
mV
VIN-SLP
Valid input source threshold VIN-SLP above
Input power good if VIN > VBAT + VIN–SLP
30
75
150
mV
VBAT
VBAT = 3.6V, VIN: 3.5V → 4V
VHYS-INSLP
Hysteresis on VIN-SLP
VBAT = 3.6V, VIN: 4V → 3.5V
32
mV
tDGL(NO-IN)
Deglitch time, input power loss to charger
Time measured from VIN: 5V → 2.5V 1µs
32
ms
turn-off
fall-time
VOVP
Input over-voltage protection threshold
VIN: 5 V → 11 V
10.2
10.5
10.8
V
VHYS-OVP
Hysteresis on OVP
VIN: 11 V → 5 V
100
mV
tDGL(OVP)
Input over-voltage deglitch time
100
µs
tREC(OVP)
Input over-voltage recovery time
Time measured from VIN: 11V → 5V 1µs
100
µs
fall-time to LDO = HI, VBAT = 3.5V
VIN_DPM
Input DPM threshold
VIN Falling, VIN-DPM enabled with EN
4.2
4.30
4.4
V
QUIESCENT CURRENT
IBAT(PDWN)
Battery current into BAT, No input
VIN = 0V, TJ = 85°C
6
µA
connected
IBAT(DONE)
BAT current, charging terminated
VIN = 6V, VBAT > VBAT(REG)
10
µA
IIN(STDBY)
Standby current into IN pin
EN = HI, VIN < VOVP
0.6
mA
EN = HI, VIN ≥ VOVP
2
ICC
Active supply current, IN pin
VIN = 6V, no load on OUT pin, VBAT >
3
mA
VBAT(REG), IC enabled
BATTERY CHARGER FAST-CHARGE
VBAT(REG)
Battery charge regulation voltage
TA = 0°C to 125°C, IOUT = 50 mA
4.16
4.20
4.23
V
TA = 25°C
4.179
4.200
4.221
IIN_RANGE
User programmable input current limit
RISET = 1kΩ to 10kΩ, EN = VSS
100
1000
mA
range
IIN(LIM)
Input current limit, or fast-charge current
EN = FLOAT
435
467
500
mA
EN = VSS
KISET/RISET
KISET
Fast charge current factor
RISET = 1kΩ to 10kΩ, EN = VSS
900
1000
1100
A
Ω
VDO(IN-OUT)
VIN – VOUT
VIN = 4.2V, IOUT = 0.75 A
500
900
mV
ISET SHORT CIRCUIT PROTECTION
RISET_MAX
Highest resistor value considered a short
RISET: 900Ω → 300Ω, IOUT latches off,
430
700
Ω
fault
Cycle power to reset, Fault range > 1.10A
tDGL-SHORT
Deglitch time transition from ISET short to
Clear fault by cycling VBUS or EN
1.5
ms
IOUT disable
IOUT-CL
Maximum OUT current limit regulation
1.2
2
A
(Clamp)
PRE-CHARGE AND CHARGE DONE
VLOWV
Pre-charge to fast-charge transition
External power path control disabled,
2.4
2.5
2.6
V
threshold
BGATE = VSS
External power path control enabled
2.8
2.9
3.0
tDGL(LOWV)
Deglitch time on fast-charge to pre-charge
VBAT rising or falling
25
ms
transition
IPRECHARGE
Precharge current to BAT during precharge
VBAT = 0V to 2.9V, Battery FET
28
37
45
mA
mode
connected, Current out of BAT
VBAT = 0V to 2.5V, BGATE = VSS, Input
41.5
45
48.5
current limit regulated to IPRECHARGE
ITERM
Default termination current threshold
VIN = 5V, ICHARGE = 100 mA to 1 A
7.5
10.5
13.5
%IIN(LIM)
RECHARGE OR REFRESH
VRCH
Recharge detection threshold
VBAT falling
VBAT(REG)
VBAT(REG)
VBAT(REG)
V
–0.13V
–0.1V
–0.065V
tDGL(RCH)
Deglitch time, recharge threshold detected
VBAT falling
25
ms
EXTERNAL POWER PATH CONTROL
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq25060


Similar Part No. - BQ25060_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq25060DQCR TI-bq25060DQCR Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
bq25060DQCT TI-bq25060DQCT Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
More results

Similar Description - BQ25060_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com