Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBVSBA024LU1TAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBVSBA024LU1TAG
Description  2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSBA024LU1TAG Datasheet(HTML) 1 Page - ON Semiconductor

  NBVSBA024LU1TAG Datasheet HTML 1Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 2Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 3Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 4Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 5Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 6Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 7Page - ON Semiconductor NBVSBA024LU1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 0
1
Publication Order Number:
NBVSBA011/D
NBVSBAXXX Series
2.5 V/3.3 V, LVPECL
Voltage-Controlled Crystal
Oscillator (VCXO)
PureEdge
t Product Series
The NBVSBAXXX series voltage−controlled crystal oscillator
(VCXO) devices are designed to meet today’s requirements for 2.5 V
and 3.3 V LVPECL clock generation applications. These devices use a
high Q fundamental mode crystal and Phase Locked Loop (PLL)
multiplier to provide a wide range of frequencies from 60 MHz to 700
MHz (factory configurable per user specifications) with a pullable
range of ±100 ppm and a frequency stability of ±50 ppm. The
silicon−based PureEdge
t products design provides users with
exceptional frequency stability and reliability. They produce an ultra
low jitter and phase noise LVPECL differential output.
The NBVSBAXXX series are members of ON Semiconductor’s
PureEdge
t clock family that provides accurate and precision clock
generation solutions.
Available in the industry standard 5.0 x 7.0 x 1.8 mm and in a new
3.2 x 5.0 x 1.2 mm SMD (CLCC) package on 16 mm tape and reel in
quantities of 1,000.
Features
LVPECL Differential Output
Operating Range: 2.5 V ±5%, 3.3 V ±10%
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
Factory Configurable Frequencies from 60 MHz to 700 MHz (see
Standard Frequencies in the Ordering Information Table in page 6)
Pullable Range Minimum of ±100 ppm
Orderable Frequency Stability of ±20 ppm or ±50 ppm
Control Voltage with Positive Slope
Voltage Control Linearity of ±10%
Uses High Q Fundamental Mode Crystal
Hermetically Sealed Ceramic SMD Package
These Devices are Pb−Free and RoHS Compliant
Applications
Networking
SONET
10 Gigabit Ethernet
Networking Base Stations
Broadcasting
http://onsemi.com
MARKING DIAGRAM
NBVSBAXXX = NBVSBAXXX (±50 ppm)
XXX.XXXX
= Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBVSBAXXX
XXX.XXXX
AAWLYYWWG
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
6 PIN CLCC
LU SUFFIX
CASE 848AC
NBVSBAXXX
XXX.XXXX
AAWLYYWWG


Similar Part No. - NBVSBA024LU1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA015LN1TAG ONSEMI-NBVSPA015LN1TAG Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
More results

Similar Description - NBVSBA024LU1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com