Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP361SNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP361SNT1G
Description  USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP361SNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP361SNT1G Datasheet HTML 1Page - ON Semiconductor NCP361SNT1G Datasheet HTML 2Page - ON Semiconductor NCP361SNT1G Datasheet HTML 3Page - ON Semiconductor NCP361SNT1G Datasheet HTML 4Page - ON Semiconductor NCP361SNT1G Datasheet HTML 5Page - ON Semiconductor NCP361SNT1G Datasheet HTML 6Page - ON Semiconductor NCP361SNT1G Datasheet HTML 7Page - ON Semiconductor NCP361SNT1G Datasheet HTML 8Page - ON Semiconductor NCP361SNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 3
1
Publication Order Number:
NCP361/D
NCP361
USB Positive Overvoltage
Protection Controller with
Internal PMOS FET and
Overcurrent Protection
The NCP361 disconnects systems at its output when wrong VBUS
operating conditions are detected at its input. The system is positive
over−voltage protected up to +20 V.
Thanks to an integrated PMOS FET, no external device is
necessary, reducing the system cost and the PCB area of the
application board.
The NCP361 is able to instantaneously disconnect the output from
the input if the input voltage exceeds the overvoltage threshold
(5.675 V). Thanks to an overcurrent protection, the integrated PMOS
is turning off when the charge current exceeds current limit (see
options in ordering information).
The NCP361 provides a negative going flag (FLAG) output, which
alerts the system that voltage, current or overtemperature faults have
occurred.
In addition, the device has ESD−protected input (15 kV Air) when
bypassed with a 1
mF or larger capacitor.
Features
Overvoltage Protection up to 20 V
On−chip PMOS Transistor
Overvoltage Lockout (OVLO)
Undervoltage Lockout (UVLO)
Overcurrent Protection
Alert FLAG Output
EN Enable Pin
Thermal Shutdown
Compliance to IEC61000−4−2 (Level 4)
8 kV (Contact)
15 kV (Air)
ESD Ratings: Machine Model = B
ESD Ratings: Human Body Model = 2
6 Leads UDFN 2x2 mm Package
5 Leads TSOP−5 3x3 mm Package
This is a Pb−Free Device
Applications
USB Devices
Mobile Phones
Peripheral
Personal Digital Applications
MP3 Players
Set Top Boxes
6 PIN UDFN
CASE 517AB
PIN CONNECTIONS
http://onsemi.com
MARKING
DIAGRAMS
(Top View)
IN
GND
FLAG
EN
OUT
Q
OUT
xx M
G
1
1
2
3
6
5
4
1
5
1
xxx AYWG
G
xxx
= Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
TSOP−5
CASE 483
IN
GND
EN
OUT
FLAG
1
2
3
5
4
TSOP−5
UDFN
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.


Similar Part No. - NCP361SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP361SNT1G ONSEMI-NCP361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
NCP361SNT1G ONSEMI-NCP361SNT1G Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
More results

Similar Description - NCP361SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com