Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP508 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP508
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP508 Datasheet HTML 1Page - ON Semiconductor NCP508 Datasheet HTML 2Page - ON Semiconductor NCP508 Datasheet HTML 3Page - ON Semiconductor NCP508 Datasheet HTML 4Page - ON Semiconductor NCP508 Datasheet HTML 5Page - ON Semiconductor NCP508 Datasheet HTML 6Page - ON Semiconductor NCP508 Datasheet HTML 7Page - ON Semiconductor NCP508 Datasheet HTML 8Page - ON Semiconductor NCP508 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCP508
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive power supply input voltage
2
GND
Power supply ground
3
Enable
This input is used to place the device into low−power stand by. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
Not connected pin
5
Vout
Regulated output voltage
MAXIMUM RATING
Rating
Symbol
Value
Unit
Input Voltage
Vin(max)
13.0
V
Enable Voltage
Enable
−0.3 to Vin(max) + 0.3
V
Output Voltage
Vout
−0.3 to Vin(max) + 0.3
V
Power Dissipation and Thermal Characteristics (SC−88A)
Power Dissipation
Thermal Resistance, Junction−to−Ambient (Note 4)
PD
RqJA
Internally Limited
200
W
°C/W
Power Dissipation and Thermal Characteristics (WDFN6)
Power Dissipation
Thermal Resistance, Junction−to−Ambient (Note 4)
PD
RqJA
Internally Limited
313
W
°C/W
Maximum Junction Temperature
TJ
+125
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Lead Soldering Temperature @ 260°C
Tsolder
10
sec
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V
2. Latch up Capability (85°C) $ 100 mA DC with trigger voltage
3. Maximum package power dissipation limits must be observed.
PD +
TJ(max) * TA
RqJA
4. RqJA on a 30 x 30 mm PCB Cu thickness 1 oz; TA = 25°C.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Max
Unit
Maximum Operating Input Voltage
Vin
7.0
V


Similar Part No. - NCP508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5080 ONSEMI-NCP5080 Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP5080MUTXG ONSEMI-NCP5080MUTXG Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP508MT15TBG ONSEMI-NCP508MT15TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT18TBG ONSEMI-NCP508MT18TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT25TBG ONSEMI-NCP508MT25TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
More results

Similar Description - NCP508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508_11 Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com