Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP508MN28TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP508MN28TBG
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508MN28TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP508MN28TBG Datasheet HTML 1Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 2Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 3Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 4Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 5Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 6Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 7Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 8Page - ON Semiconductor NCP508MN28TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 3
1
Publication Order Number:
NCP508/D
NCP508
Very Low Noise, Fast Turn
On, 50 mA Low Dropout
Voltage Regulator
The NCP508 is a 50 mA low noise voltage regulator, designed to
exhibit fast turn on time and high ripple rejection. Each device
contains a voltage reference unit, an error amplifier, a PMOS power
transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits.
The NCP508 has been designed for use with ceramic capacitors.
The device is housed in SC−88A and WDFN6 1.5x1.5 packages.
Standard voltage versions are 1.5, 1.8, 2.5, 2.8, 3.0, and 3.3. Other
voltages are available in 100 mV steps.
Features
Very Low Noise at 39 mVrms without a Bypass Capacitor
High Ripple Rejection of 70 dB at 1 kHz
Low Dropout Voltage of 140 mV (typ) at 30 mA
Tight Load Regulation, typically 6 mV for DIout = 50 mA
Fast Enable Turn−On time of 20 msec
Logic Level Enable
ESR can vary from a few mW to 3 W
These are Pb−Free Devices
Typical Applications
RF Subsystems in Handsets
Noise Sensitive Circuits; VCOs, PLL
Vout
Battery or
Unregulated
Voltage
C1
1m
C2
1m
OFF
ON
1
2
3
5
4
Figure 1. Typical Application Diagram
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
1
3
NC
Vin
2
GND
Enable
4
Vout
5
SC−88A
(Top View)
XXX
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
MARKING
DIAGRAM
http://onsemi.com
1 2
3
4
5
SC70−5/SC−88A/SOT−353
SQ SUFFIX
CASE 419A
1
5
xxx MG
G
http://onsemi.com
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
1
3
Enable
Vout
2
NC
GND
4
Vin
6
WDFN6
(Top View)
WDFN6
MN SUFFIX
CASE 511BJ
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
NC
5
XX MG
1


Similar Part No. - NCP508MN28TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508MT15TBG ONSEMI-NCP508MT15TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT18TBG ONSEMI-NCP508MT18TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT25TBG ONSEMI-NCP508MT25TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT28TBG ONSEMI-NCP508MT28TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP508MT30TBG ONSEMI-NCP508MT30TBG Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
More results

Similar Description - NCP508MN28TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508_11 Datasheet
388Kb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
January, 2011 ??Rev. 5
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com