Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP513
Description  Temperature and Power Supply System Monitors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP513 Datasheet(HTML) 2 Page - Texas Instruments

  TMP513 Datasheet HTML 1Page - Texas Instruments TMP513 Datasheet HTML 2Page - Texas Instruments TMP513 Datasheet HTML 3Page - Texas Instruments TMP513 Datasheet HTML 4Page - Texas Instruments TMP513 Datasheet HTML 5Page - Texas Instruments TMP513 Datasheet HTML 6Page - Texas Instruments TMP513 Datasheet HTML 7Page - Texas Instruments TMP513 Datasheet HTML 8Page - Texas Instruments TMP513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP512
SO-14
D
TMP512A
SO-16
D
TMP513A
TMP513
QFN-16(2)
RSA
TMP513A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
TMP512/TMP513 product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
TMP512, TMP513
UNIT
Supply Voltage, V+
26
V
Voltage
GND – 0.3 to +6
V
Filter C
Current
10
mA
Differential (VIN+) – (VIN–)
(2)
–26 to +26
V
Analog Inputs, VIN+, VIN–
Common-Mode
–0.3 to +26
V
Open-Drain Digital Outputs
GND – 0.3 to +6
V
GPIO, DXP, DXN
GND – 0.3 to V+ + 0.3
V
Input Current Into Any Pin
5
mA
Open-Drain Digital Output Current
10
mA
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– may have a differential voltage of –26V to +26V; however, the voltage at these pins must not exceed the range –0.3V to
+26V.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513


Similar Part No. - TMP513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP513 TI-TMP513 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513 TI1-TMP513 Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AID TI-TMP513AID Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AID TI1-TMP513AID Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AIDR TI-TMP513AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

Similar Description - TMP513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com